Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI15-E Datasheet(PDF) 2 Page - CUI INC

Part # SWI15-E
Description  over voltage, over current, and short circuit protections
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI15-E Datasheet(HTML) 2 Page - CUI INC

  SWI15-E Datasheet HTML 1Page - CUI INC SWI15-E Datasheet HTML 2Page - CUI INC SWI15-E Datasheet HTML 3Page - CUI INC SWI15-E Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date 03/08/2017
│ page 2 of 4
CUI Inc
│ SERIES: SWI15-E │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.5
A
inrush current
at 240 Vac, 25°C, cold start
50
A
leakage current
0.25
mA
no load power consumption
0.075
W
OUTPUT
parameter
conditions/description
min
typ
max
units
voltage set point accuracy
at 60% load
±2
%
line regulation
measured from 100~240 Vac, full load
±1
%
load regulation
measured from 60~100% load and 60~20% load
5 Vdc output model
all other models
±4
±2
%
%
hold-up time
at 115 Vac
10
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
hiccup mode, auto recovery
5 Vdc output model
9 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
7.14
12.1
15.8
19.5
28.4
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
hiccup mode, auto recovery
120
140
%
short circuit protection
continuous, hiccup mode, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
3,000
4,242
Vac
Vdc
isolation resistance
input to output
100
MΩ
safety approvals
GS EN 60950-1, IEC 60950-1
safety class
Class II
EMI/EMC
CE, EN 55022 Class B
MTBF
as per MIL-HDBK-217F at 115 Vac, full load, 25°C
330,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-20
40
°C
storage temperature
-20
85
°C
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com