Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAS2308 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # SAS2308
Description  PCI Express to 8-Port 6Gb/s SAS/SATA Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

SAS2308 Datasheet(HTML) 2 Page - Broadcom Corporation.

  SAS2308 Datasheet HTML 1Page - Broadcom Corporation. SAS2308 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LSI, LSI Design logo, Fusion-MPT, MegaRAID and MegaRAID Software Manager (MSM) are trademarks or registered trademarks of LSI Corporation.
All other brand and product names may be trademarks of their respective companies.
LSI Corporation reserves the right to make changes to any products and services herein at any time without notice. LSI does not assume
any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to
in writing by LSI; nor does the purchase, lease, or use of a product or service from LSI convey a license under any patent rights, copyrights,
trademark rights, or any other of the intellectual property rights of LSI or of third parties.
Copyright ©2010 by LSI Corporation. All rights reserved.
February 2010
Formoreinformationandsalesofficelocations,pleasevisittheLSIwebsitesat: lsi.com lsi.com/contacts
Phone:1.866.574.5741or1.610.712.4323
featured RAID implementation is cost
prohibitive or not desired. LSI’s ad-
vanced Integrated RAID options include
Integrated Mirroring (IM), which is RAID
1, Integrated Mirroring Enhanced (IME),
known as RAID 1E, Integrated Striping
(IS), which is RAID 0, and Integrated Mir-
roring and Striping (IMS) which is RAID
10. By simplifying the RAID configuration
options, Integrated RAID is easy to install
and configure and meets the needs of
most internal RAID requirements.
LSI provides a complete suite of in-
dustry while reducing time to market,
integration, standard operating system
drivers. LSI also supports Virtual Operat-
ing Sytems with device emulation and
para-virtualization in support of the
emerging SR-IOV technology.
Fusion-MPTArchitectureOverview
Fusion-MPT architecture marks the next
generation of I/O architecture designed
to deliver the highest performance
available today while reducing time
to market, integration, and certifica-
tion time. Fusion-MPT devices are high
performance, cost-effective protocol
controllers that represent the newest
system-level integration technology in
intelligent I/O processors from LSI.
PleasecontactyourLSISalesRepre-
sentativefororderinginformation.
F E A T U R E S ( C o n t i n u e d )
n
AdvancedPowerManagement
support
–SlumberandPartialpowermode
supportforSASandSATAdevices
–ProgrammableSASlink
powerdown
–VariablePCIebandwidth
negotiation
n
Externalmemoryinterfacesupport
–FlashROM
–NVSRAMforIntegratedMirroring
n
CommunicationInterfaces
–I2Cinterfacesforenclosure
managementservices
–UARTandEthernetinterfacefor
debug
n
SFF-8485Compliant,SGPIO
n
JTAGsupport
n
837FPBGA-HP(25mm)
8.0Gb/s
Full Duplex
X8 PCIe 3.0
PPC440
Processor
800MHz
Flash,
NVSRAM
Fusion-MPT
Messaging
Interface
16-bit
External
Memory Bus
4MB Context RAM
SIO/GPIO, UART,
I2C (6), Ethernet
USB (2)
4.8Gb/s
Full Duplex
SAS-2 Core - 6Gb/s
8 port
SAS/SATA
Server
SAS2x36
x4
x4
x4
x4
x4
x4
Server
SAS2308
SAS2x36
SAS2308
Up to 24 Dual-Ported
SAS Drives
JBOD
Figure1:LSISAS2308BlockDiagram
Figure2:LSISAS2308TopologyDiagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com