Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2K Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # US2K
Description  2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

US2K Datasheet(HTML) 1 Page - Nanjing International Group Co

  US2K Datasheet HTML 1Page - Nanjing International Group Co US2K Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US2A THRU US2M
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
2.0
1.0
1.3
1.70
30
5.0
150
50
75
20
-65
+150
V
A
A
V
mA
mA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-750,
method 2026 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.064 grams
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Ampere
US2A
US2B
US2D
US2G
US2J
US2K
US
2M
UNITS
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
V
V
* High speed switching
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
Dimensions in inches and (millimeters)
DO-214AC
.208(5.28)
.194(4.93)
.177(4.50)
.157(3.99)
.012(0.31)
.006(0.15)
.058(1.47)
.052(1.32)
.090(2.29)
.078(1.98)
.060(1.52)
.030(0.76)
.110(2.79)
.100(2.54)
.005
(.127)
MAX.


Similar Part No. - US2K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2K SSE-US2K Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2K DIOTEC-US2K Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2K WEITRON-US2K Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2K DIOTEC-US2K Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2K SEMIKRON-US2K Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results

Similar Description - US2K

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US2ASMA DGNJDZ-US2ASMA Datasheet
93Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2A-2C2A-2CDO-214AA DGNJDZ-US2A-2C2A-2CDO-214AA Datasheet
115Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2B-2C2A-2CDO-214AC DGNJDZ-US2B-2C2A-2CDO-214AC Datasheet
126Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2D-2C2A-2CDO-214AA DGNJDZ-US2D-2C2A-2CDO-214AA Datasheet
115Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2D-2C2A-2CDO-214AC DGNJDZ-US2D-2C2A-2CDO-214AC Datasheet
0Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2G-2C2A-2CDO-214AA DGNJDZ-US2G-2C2A-2CDO-214AA Datasheet
115Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2G-2C2A-2CDO-214AC DGNJDZ-US2G-2C2A-2CDO-214AC Datasheet
126Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2J-2C2A-2CDO-214AA DGNJDZ-US2J-2C2A-2CDO-214AA Datasheet
115Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2K-2C2A-2CDO-214AA DGNJDZ-US2K-2C2A-2CDO-214AA Datasheet
115Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2M-2C2A-2CDO-214AA DGNJDZ-US2M-2C2A-2CDO-214AA Datasheet
115Kb / 2P
2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com