Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1AF Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # US1AF
Description  1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

US1AF Datasheet(HTML) 1 Page - Nanjing International Group Co

  US1AF Datasheet HTML 1Page - Nanjing International Group Co US1AF Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig.2
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
US1AF
US1BF
US1DF
US1GF
US1JF
US1KF
US1MF
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
30
5.0
100
15
-65
+150
V
V
A
V
uA
uA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.34 grams
US1AF THRU US1MF
1.3
50
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
Dimensions in inches and (millimeters)
1.0
1.7
70
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
SMAFL
Cathode Band
Top View
0.128(3.25)
0.144(3.65)
0.189(4.80)
0.173(4.40)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)


Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US1A DGNJDZ-US1A Datasheet
885Kb / 18P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1AF DGNJDZ-US1AF Datasheet
746Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1M-2C1A-2CDO-214AA DGNJDZ-US1M-2C1A-2CDO-214AA Datasheet
431Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1M-2C1A-2CDO-214AC DGNJDZ-US1M-2C1A-2CDO-214AC Datasheet
185Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1A-2C1A-2CDO-214AA DGNJDZ-US1A-2C1A-2CDO-214AA Datasheet
431Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1B-2C1A-2CDO-214AA DGNJDZ-US1B-2C1A-2CDO-214AA Datasheet
431Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1B-2C1A-2CDO-214AC DGNJDZ-US1B-2C1A-2CDO-214AC Datasheet
185Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1D-2C1A-2CDO-214AC DGNJDZ-US1D-2C1A-2CDO-214AC Datasheet
185Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1DF-2C1A-2CSMAF DGNJDZ-US1DF-2C1A-2CSMAF Datasheet
234Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1G-2C1A-2CDO-214AA DGNJDZ-US1G-2C1A-2CDO-214AA Datasheet
431Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com