Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C750B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C750B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C750B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C750B Datasheet HTML 17Page - NXP Semiconductors SC16C750B Datasheet HTML 18Page - NXP Semiconductors SC16C750B Datasheet HTML 19Page - NXP Semiconductors SC16C750B Datasheet HTML 20Page - NXP Semiconductors SC16C750B Datasheet HTML 21Page - NXP Semiconductors SC16C750B Datasheet HTML 22Page - NXP Semiconductors SC16C750B Datasheet HTML 23Page - NXP Semiconductors SC16C750B Datasheet HTML 24Page - NXP Semiconductors SC16C750B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Philips Semiconductors
SC16C750B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Product data
Rev. 03 — 13 December 2004
21 of 44
9397 750 14453
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.4 Interrupt Status Register (ISR)
The SC16C750B provides four levels of prioritized interrupts to minimize external
software interaction. The Interrupt Status Register (ISR) provides the user with four
interrupt status bits. Performing a read cycle on the ISR will provide the user with the
highest pending interrupt level to be serviced. No other interrupts are acknowledged
until the pending interrupt is serviced. Whenever the interrupt status register is read,
the interrupt status is cleared. However, it should be noted that only the current
pending interrupt is cleared by the read. A lower level interrupt may be seen after
re-reading the interrupt status bits. Table 12 “Interrupt source” shows the data values
(bits 0-4) for the four prioritized interrupt levels and the interrupt sources associated
with each of these interrupt levels.
Table 12:
Interrupt source
Priority
level
ISR[3]
ISR[2]
ISR[1]
ISR[0]
Source of the interrupt
1
0110
LSR (Receiver Line Status Register)
2
0100
RXRDY (Received Data Ready)
2
1100
RXRDY (Receive Data time-out)
3
0010
TXRDY (Transmitter Holding Register
Empty)
4
0000
MSR (Modem Status Register)
Table 13:
Interrupt Status Register bits description
Bit
Symbol
Description
7:6
ISR[7:6]
FIFOs enabled. These bits are set to a logic 0 when the FIFO is
not being used. They are set to a logic 1 when the FIFOs are
enabled.
Logic 0 or cleared = default condition.
5
ISR[5]
64-byte FIFO enable.
Logic 0 = 16-byte operation.
Logic 1 = 64-byte operation.
4
ISR[4]
Not used.
3:1
ISR[3:1]
INT priority bits 2-0. These bits indicate the source for a pending
interrupt at interrupt priority levels 1, 2, and 3 (see Table 12).
Logic 0 or cleared = default condition.
0
ISR[0]
INT status.
Logic 0 = An interrupt is pending and the ISR contents may be
used as a pointer to the appropriate interrupt service routine.
Logic 1 = No interrupt pending (normal default condition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com