Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  250-mA Ultra-Low-Noise, Low-IQ LDO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 1 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
EN
IN
OUT
GND
1 PF
1 PF
INPUT
ENABLE
GND
OUTPUT
LP5907
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5907
SNVS798L – APRIL 2012 – REVISED SEPTEMBER 2016
LP5907 250-mA Ultra-Low-Noise, Low-IQ LDO
1
1 Features
1
•
Input Voltage Range: 2.2 V to 5.5 V
•
Output Voltage Range: 1.2 V to 4.5 V
•
Output Current: 250 mA
•
Stable with 1-µF Ceramic Input and Output
Capacitors
•
No Noise Bypass Capacitor Required
•
Remote Output Capacitor Placement
•
Thermal-Overload and Short-Circuit Protection
•
–40°C to 125°C Junction Temperature Range for
Operation
•
Low Output Voltage Noise: < 6.5 µVRMS
•
PSRR: 82 dB at 1 kHz
•
Output Voltage Tolerance: ±2%
•
Virtually Zero IQ (Disabled): < 1 µA
•
Very Low IQ (Enabled): 12 µA
•
Start-up Time: 80 µs
•
Low Dropout: 120 mV (typical)
2 Applications
•
Mobile Phones, Tablets
•
Digital Cameras and Audio Devices
•
Portable and Battery-Powered Equipment
•
Portable Medical Equipment
•
Smart Meters
•
RF, PLL, VCO, and Clock Power Supplies
•
IP Cameras
•
Drones
•
Field Transmitters
3 Description
The LP5907 is a low-noise LDO that can supply up to
250 mA output current. Designed to meet the
requirements of RF and analog circuits, the LP5907
device provides low noise, high PSRR, low quiescent
current, and low line or load transient response
figures. Using new innovative design techniques, the
LP5907
offers
class-leading
noise
performance
without a noise bypass capacitor and the ability for
remote output capacitor placement.
The device is designed to work with a 1-µF input and
a 1-µF output ceramic capacitor (no separate noise
bypass capacitor is required).
This device is available with fixed output voltages
from 1.2 V to 4.5 V in 25-mV steps. Contact Texas
Instruments Sales for specific voltage option needs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
LP5907
DSBGA (4)
0.675 mm × 0.675 mm (MAX)
SOT-23 (5)
2.90 mm × 1.60 mm (NOM)
X2SON (4)
1.00 mm × 1.00 mm (NOM)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Simplified Schematic


Similar Part No. - LP5907

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
1Mb / 21P
ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907 Datasheet
1Mb / 31P
250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
250 mA ultra low noise LDO
17-Nov-2016
logo
Texas Instruments
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_V01 Datasheet
1Mb / 32P
LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com