Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGD-60 Datasheet(PDF) 2 Page - CUI INC

Part # VGD-60
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-60 Datasheet(HTML) 2 Page - CUI INC

  VGD-60 Datasheet HTML 1Page - CUI INC VGD-60 Datasheet HTML 2Page - CUI INC VGD-60 Datasheet HTML 3Page - CUI INC VGD-60 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VGD-60 │ DESCRIPTION: AC-DC POWER SUPPLY
date
01/15/2014 │ page 2 of 4
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
input current
115 Vac
230 Vac
1.5
0.7
A
A
inrush current
115 Vac, full load, cold start
230 Vac, full load, cold start
30
60
A
A
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
±1
%
load regulation
±5
%
temperature coefficient
±0.03
%/°C
hold-up time
115 Vac, full load
230 Vac, full load
10
50
ms
ms
adjustability
adjustable with built-in trim pot1
±5
%
Note:
1. Adjustment of 5 V output only.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
shut down and latch off, recover after restart.
7
V
overload protection
hiccup mode, automatically recovers
110
160
%
short circuit protection
continuous, automatically recovers
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
input to case
output to case
3,000
1,500
500
Vac
Vac
Vac
isolation resistance
input to output at 500 Vdc @ 25°C
100
MΩ
safety approvals
UL 60950-1, Intertek EN 60950-1
EMI/EMC
EN 55022 (CISPR22) Class B, EN 61000 -3-2,-3,-4-2,3,4,5,6,8,11; EN 55024
leakage current
at 240 Vac
3.5
mA
MTBF
MIL-HDBK-217F(25°C)
300,000
hrs
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-10
60
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
10
95
%
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com