Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-6B Datasheet(PDF) 1 Page - CUI INC

Part # VOF-6B
Description  short circuit, over voltage protection, over current protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-6B Datasheet(HTML) 1 Page - CUI INC

  VOF-6B Datasheet HTML 1Page - CUI INC VOF-6B Datasheet HTML 2Page - CUI INC VOF-6B Datasheet HTML 3Page - CUI INC VOF-6B Datasheet HTML 4Page - CUI INC VOF-6B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 02/23/2017
page 1 of 5
SERIES: VOF-6B
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
typ
(%)
VOF-6B-S5
5
1.2
6
100
75.18
VOF-6B-S9
9
0.67
6
100
79.03
VOF-6B-S12
12
0.5
6
120
79.03
VOF-6B-S15
15
0.4
6
150
79.03
VOF-6B-S24
24
0.25
6
240
79.03
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,outputterminatedwith10μFelectrolyticand0.1μFceramiccapacitors.
2.AllspecificationsaremeasuredatTa=25°C,nominalinputvoltage,and75%ratedoutputloadunlessotherwisespecified.
FEATURES
• up to 6 W continuous power
•universalinput:85~264Vac
•compactopen-framedesign
•singleoutputfrom5Vdc~24Vdc
•shortcircuit,overvoltageprotection,overcurrentprotection
• 4000 Vac isolation
• no load power consumption <100 mW
PART NUMBER KEY
Base Number
VOF-6B - SXX
OutputVoltage
For more information, please visit the product page.


Similar Part No. - VOF-6B

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
03/26/2021
VOF-6B-S12 CUI-VOF-6B-S12 Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
03/26/2021
VOF-6B-S15 CUI-VOF-6B-S15 Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
03/26/2021
VOF-6B-S24 CUI-VOF-6B-S24 Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
03/26/2021
VOF-6B-S5 CUI-VOF-6B-S5 Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
03/26/2021
More results

Similar Description - VOF-6B

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
Output over voltage, short circuit, and over current protection
logo
AIMTEC
AME1-JZ AIMTEC-AME1-JZ Datasheet
147Kb / 3P
Over current, Short Circuit Protection
AME2-JZ AIMTEC-AME2-JZ Datasheet
146Kb / 3P
Over current, Short Circuit Protection
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
Over current, Over Voltage Protection
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
Over current, Over Voltage Protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
Over current and short circuit protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
MORNSUN Science& Techno...
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
Over voltage, Over current, Short circuit protection
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
Over voltage, Over current, Short circuit protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com