Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALCL5-1BM2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALCL5-1BM2
Description  Single-line low capacitance and low leakage current ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL5-1BM2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALCL5-1BM2 Datasheet HTML 1Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 2Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 3Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 4Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 5Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 6Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 7Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 8Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
ESDALCL5-1BM2
2/12
Doc ID 023846 Rev 1
1
Characteristics
Figure 2.
Electrical characteristics (definitions)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
±30
kV
PPP
(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Peak pulse power dissipation (8/20 µs)
Tj initial = Tamb
150
W
IPP
Peak pulse current (8/20 µs)
9
A
Tj
Junction temperature
-55 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2.
Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test condition
Min.
Typ.
Max.
Unit
VBR
From pin1 to pin2, IR = 1 mA
11
13
V
From pin2 to pin1, IR = 1 mA
5
8
IRM
VRM = 3 V
10
nA
VRM = 1 V
1
Rd
Square pulse, IPP = 1 A, tp = 2.5 µs
650
m
Ω
Cline
F = 1 MHz, VR = 0 V
26
30
pF
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current at V
V
=
Stand-off voltage
I
=
Peak pulse current
I
=
Breakdown current
BR
RM
RM
RM
PP
R
V
=
Clamping voltage
C
=
Input capacitance per line
CL
line
I
V
VBR
VRM
IR
IRM
IRM
IR
VRM
VBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com