Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA5V3SC6Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA5V3SC6Y
Description  4 unidirectional Transil functions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5V3SC6Y Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA5V3SC6Y Datasheet HTML 1Page - STMicroelectronics ESDA5V3SC6Y Datasheet HTML 2Page - STMicroelectronics ESDA5V3SC6Y Datasheet HTML 3Page - STMicroelectronics ESDA5V3SC6Y Datasheet HTML 4Page - STMicroelectronics ESDA5V3SC6Y Datasheet HTML 5Page - STMicroelectronics ESDA5V3SC6Y Datasheet HTML 6Page - STMicroelectronics ESDA5V3SC6Y Datasheet HTML 7Page - STMicroelectronics ESDA5V3SC6Y Datasheet HTML 8Page - STMicroelectronics ESDA5V3SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID028400 Rev 1
3/15
ESDAxxSCxY
Characteristics
15
Table 3. Electrical characteristics - values (Tamb = 25 °C)
Order code
VBR at IR
IRM at VRM
VCL at Ipp
(1)
VF at IF
αT(2)
Cline
min.
max.
max.
max.
max.
max.
typ.
VV
mA
µA
VVA
V
mA
10-4/C
pF
ESDA5V3SC6Y
5.3
5.9
1
2
3
21
22
1.25
200
5
320
ESDA6V1SC6Y
6.1
7.2
1
2
5.2
19
18
1.25
200
6
190
ESDA14V2SC5Y,
ESDA14V2SC6Y
14.2
15.8
1
5
12
35
14
1.25
200
10
100
ESDA25SC6Y
25
30
1
1
24
51
9
1.2
10
10
60
1. 8/20 µs waveform
2.
Δ VBR = αT* (Tamb - 25 °C) * VBR (25 °C)
Figure 3. Pulse power versus junction
temperature
Figure 4. Peak pulse power versus exponential
pulse duration (typical values)
Figure 5. Clamping voltage versus peak pulse
current (typical values, 8/20 μs waveform)
Figure 6. Leakage current versus junction
temperature (typical values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com