Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1SC6Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA6V1SC6Y
Description  4 unidirectional Transil functions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1SC6Y Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA6V1SC6Y Datasheet HTML 1Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 2Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 3Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 4Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 5Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 6Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 7Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 8Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
October 2015
DocID028400 Rev 1
1/15
ESDAxxSCxY
Automotive quad-line Transil™ transient voltage suppressor (TVS)
for ESD protection
Datasheet
- production data
Features
• 4 unidirectional Transil functions
• 400 W peak pulse power (8/20 µs)
Benefits
• High EOS and ESD protection levels
• Suitable for high density boards
• AEC-Q101 qualified
Complies with the following standards:
• ISO 10605: C = 150 pF, R = 330 Ω
– 30 kV (air discharge)
– 30 kV (contact discharge)
• ISO 10605: C = 330 pF, R = 330 Ω
– 30 kV (air discharge)
– 30 kV (contact discharge)
• ISO 7637-2
– Pulse 1: VS = -100 V
– Pulse 2a: VS = +50 V
– Pulse 3a: VS = -150 V
– Pulse 3b: VS = +100 V
Applications
Where ESD and EOS transient overvoltage
protection in susceptible equipment is required,
such as:
• Information - entertainment
• Signal communications
• Connectivity
• Comfort and convenience
Description
The ESDAxxSCxY devices are monolithic voltage
suppressors designed to protect components
which are connected to data and transmission
lines against ESD.
They clamp the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transient.
Figure 1. Pin configuration
Table 1. Device summary
Order code
VBR(min.)
Package
ESDA5V3SC6Y
5.3
SOT23-6L
ESDA6V1SC6Y
6.1
SOT23-6L
ESDA14V2SC5Y
14.2
SOT23-5L
ESDA14V2SC6Y
14.2
SOT23-6L
ESDA25SC6Y
25
SOT23-6L
www.st.com


Similar Part No. - ESDA6V1SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1SC6Y STMICROELECTRONICS-ESDA6V1SC6Y Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
More results

Similar Description - ESDA6V1SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
logo
Shanghai Semitech Semic...
SOT05C SEMITECH-SOT05C Datasheet
211Kb / 4P
2 Unidirectional Transil functions
ESDAXXL SEMITECH-ESDAXXL Datasheet
213Kb / 4P
2 Unidirectional Transil functions
SOT04 SEMITECH-SOT04 Datasheet
260Kb / 4P
Unidirectional Transil functions
logo
STMicroelectronics
ESDALC5-4BN4 STMICROELECTRONICS-ESDALC5-4BN4 Datasheet
165Kb / 10P
4 bidirectional Transil diodes
18-Jan-2013
ESDAVLC5-4BX4 STMICROELECTRONICS-ESDAVLC5-4BX4 Datasheet
258Kb / 8P
4 bidirectional Transil diodes
05-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com