Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2SC5Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA14V2SC5Y
Description  4 unidirectional Transil functions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2SC5Y Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA14V2SC5Y Datasheet HTML 1Page - STMicroelectronics ESDA14V2SC5Y Datasheet HTML 2Page - STMicroelectronics ESDA14V2SC5Y Datasheet HTML 3Page - STMicroelectronics ESDA14V2SC5Y Datasheet HTML 4Page - STMicroelectronics ESDA14V2SC5Y Datasheet HTML 5Page - STMicroelectronics ESDA14V2SC5Y Datasheet HTML 6Page - STMicroelectronics ESDA14V2SC5Y Datasheet HTML 7Page - STMicroelectronics ESDA14V2SC5Y Datasheet HTML 8Page - STMicroelectronics ESDA14V2SC5Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Characteristics
ESDAxxSCxY
2/15
DocID028400 Rev 1
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 2. Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
ISO10605 (C = 150 pF, R = 330
Ω)
Contact discharge
Air discharge
ISO10605 (C = 330 pF, R = 330
Ω)
Contact discharge
Air discharge
30
30
30
30
kV
PPP
Peak pulse power (8/20µs)
ESDA5V3SC6Y, ESDA6V1SC6Y
300
W
ESDA14V2SC5Y, ESDA14V2SC6Y,
ESDA25SC6Y
400
IPP
Peak pulse current (8/20µs)
ESDA5V3SC6Y
ESDA6V1SC6Y
ESDA14V2SC5Y, ESDA14V2SC6Y
ESDA25SC6Y
22
18
14
9
A
Tj
Operating junction temperature range
-40 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com