Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAVLC12-1BV2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDAVLC12-1BV2
Description  Single line bidirectional TVS diode for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC12-1BV2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDAVLC12-1BV2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 8Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
ESDAVLC12-1BV2
2/9
DocID027160 Rev 2
1
Characteristics
Table 1: Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2:
Contact discharge
Air discharge
8
15
kV
IPP
Peak pulse current
8/20μs
1.5
A
Tstg
Storage junction temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature
-40 to +125
TL
Maximum temperature for soldering during 10 s
260
°C
Figure 2: Electrical characteristics (definitions)
Table 2: Electrical characteristics (Tamb = 25 °C)
Symbol
Test condition
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
12
V
IRM
VRM = 10.5 V
2.5
70
nA
Rd
Dynamic resistance, 100 ns pulse duration
2
Ω
VCL
IPP = 1 A; 8/20 µs
20
V
VCL
8 kV contact discharge after 30 ns IEC 61000-4-2
33
Cline
F = 1 MHz, VR = 0 V
7
10
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com