Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETP01-1621 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ETP01-1621
Description  Differential and common mode protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETP01-1621 Datasheet(HTML) 2 Page - STMicroelectronics

  ETP01-1621 Datasheet HTML 1Page - STMicroelectronics ETP01-1621 Datasheet HTML 2Page - STMicroelectronics ETP01-1621 Datasheet HTML 3Page - STMicroelectronics ETP01-1621 Datasheet HTML 4Page - STMicroelectronics ETP01-1621 Datasheet HTML 5Page - STMicroelectronics ETP01-1621 Datasheet HTML 6Page - STMicroelectronics ETP01-1621 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
ETP01-xx21
2/7
Doc ID 14515 Rev 4
1
Characteristics
Table 1.
Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Ipp
Peak pulse current(1)
1.
Surge capability tested according to ITU-T K20/21 and Telcordia GR1089 Intrabuilding connections
(Metallic and Longitudinal tests).
5/310 µs
40
A
8/20 µs
100
A
2/10 µs
150
A
ITSM
Non repetitive surge peak on state current
t = 20 ms
8
A
Tstg
Tj
Storage temperature range
Operating junction temperature range
-55 to 150
-40 to 150
°C
TL
Maximum temperature for soldering during 10 s
260
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Order code
IRM @ VRM
IRM @ VRM
Vbo
IH
CC
µA
typ.
V
µA
max.
V
V
max.
mA
min.
pF
max.(1)
1.
Test conditions: Capacitance between I/O and GND, VR = 0 V bias, VRMS = 1 V, F = 1 MHz
pF
max.(2)
2.
Test conditions: Capacitance between I/O and I/O, VR = 0 V bias, VRMS = 1 V, F = 1 MHz
ETP01-1621
0.01
3.3
1
16
25
30
16
13
ETP01-2821
0.01
3.3
1
28
36
30
16
13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com