Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMI2C2-14HD Datasheet(PDF) 13 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 9Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 10Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 11Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 12Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 13Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 14Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 15Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 16Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DocID024813 Rev1
13/31
HDMI2C2-14HD
Application information
31
Table 2. Pin description
Pin
Name
Description
Pin
Name
Description
1
SDA_IC
DDC input ASIC side
19
DAT_CK-
TMDS output Clock CK-
2
nc
not connected
20
DAT_CK+
TMDS output Clock CK+
3
ESD_DISCH
ESD protection enhancement
capacitance
21
DAT_D0-
TMDS output Data D0-
4
DAT_D2+_IC
TMDS input Data D2+
22
DAT_D0+
TMDS output Data D0+
5
DAT_D2-_IC
TMDS input Data D2-
23
DAT_D1-
TMDS output Data D1-
6
DAT_D1+_IC
TMDS input Data D1+
24
DAT_D1+
TMDS output Data D1+
7
DAT_D1-_IC
TMDS input Data D1-
25
DAT_D2-
TMDS output Data D2-
8
DAT_D0+_IC
TMDS input Data D0+
26
DAT_D2+
TMDS output Data D2+
9
DAT_D0-_IC
TMDS input Data D0-
27
nc
not connected
10
DAT_CK+_IC
TMDS input Clock CK+
28
5V_IN
+5V power supply HDMI cable
side
11
DAT_CK-_IC
TMDS input Clock CK-
29
5V_SYS_DETECT
SENSING OF +5V main power
supply
12
HEAC+
HEAC+ output ASIC side
30
VDD_CEC
CEC supply HDMI cable side
13
HEAC-
HEAC- output ASIC side
31
VDD_CEC_IC
CEC driver power supply
14
HPD
HPD/HEAC- input HDMI
cable side
32
nc
not connected
15
SDA
DDC output HDMI cable side
33
VDD_IC
HDMI ASIC power supply
16
SCL
DDC output HDMI cable side
34
nc
not connected
17
Utility
Utility/HEAC+ input HDMI
cable side
35
CEC_IC
CEC input ASIC side
18
CEC
CEC output HDMI cable side
36
SCL_IC
DDC input ASIC side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com