Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7607BSTZ
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7607BSTZ Datasheet HTML 12Page - Analog Devices AD7607BSTZ Datasheet HTML 13Page - Analog Devices AD7607BSTZ Datasheet HTML 14Page - Analog Devices AD7607BSTZ Datasheet HTML 15Page - Analog Devices AD7607BSTZ Datasheet HTML 16Page - Analog Devices AD7607BSTZ Datasheet HTML 17Page - Analog Devices AD7607BSTZ Datasheet HTML 18Page - Analog Devices AD7607BSTZ Datasheet HTML 19Page - Analog Devices AD7607BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Data Sheet
AD7607
Rev. C | Page 15 of 32
5.00
3.75
2.50
1.25
0
–1.25
–2.50
–3.75
–40
–25
–10
5
20
35
50
65
80
–5.00
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
±5V RANGE
±10V RANGE
Figure 15. NFS Error vs. Temperature
5.00
3.75
2.50
1.25
0
–1.25
–2.50
–3.75
–40
–25
–10
5
20
35
50
65
80
–5.00
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
±5V RANGE
±10V RANGE
Figure 16. PFS Error vs. Temperature
2.5
–40
–25
–10
5
20
35
50
65
80
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TEMPERATURE (°C)
10V RANGE
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
PFS ERROR
NFS ERROR
Figure 17. PFS and NFS Error Matching vs. Temperature
10
8
6
4
2
0
0
120k
100k
80k
60k
40k
20k
–2
SOURCE RESISTANCE (Ω)
AVCC, VDRIVE = 5V
FSAMPLE = 200 kSPS
TA = 25°C
EXTERNAL REFERENCE
SOURCE RESISTANCE IS MATCHED ON
THE VxGND INPUT
±10V AND ±5V RANGE
Figure 18. PFS and NFS Error vs. Source Resistance
80
81
82
83
84
85
86
10
100
1k
10k
100k
INPUT FREQUENCY (Hz)
AVCC = VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200kSPS
TA = 25°C
±5V RANGE
ALL 8 CHANNELS
Figure 19. SNR vs. Input Frequency ± 5 V Range
80
81
82
83
84
85
86
10
100
1k
10k
100k
INPUT FREQUENCY (Hz)
AVCC = VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200kSPS
TA = 25°C
±10V RANGE
ALL 8 CHANNELS
Figure 20. SNR vs. Input Frequency ± 10 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com