Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP154DJF Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCP154DJF
Description  Programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP154DJF Datasheet(HTML) 4 Page - STMicroelectronics

  LCP154DJF Datasheet HTML 1Page - STMicroelectronics LCP154DJF Datasheet HTML 2Page - STMicroelectronics LCP154DJF Datasheet HTML 3Page - STMicroelectronics LCP154DJF Datasheet HTML 4Page - STMicroelectronics LCP154DJF Datasheet HTML 5Page - STMicroelectronics LCP154DJF Datasheet HTML 6Page - STMicroelectronics LCP154DJF Datasheet HTML 7Page - STMicroelectronics LCP154DJF Datasheet HTML 8Page - STMicroelectronics LCP154DJF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
LCP154DJF
4/13
DocID028213 Rev 1
Figure 3. Pulse waveform
Table 3. Parameters (Tamb = 25 °C unless otherwise specified)
Symbol
Test conditions
Min
Typ
Max
Unit
IGT
VLINE = -48 V
0.1
5
mA
IH
VGn = -48 V
150
mA
VGT
(1)
at IGT
2.5
V
IRG
VRG = -175 V
VRG = -175 V
Tj = 25 °C
Tj = 85 °C
5
50
µA
VDGL
(1)
VGn = -48 V
(1)
10/700 µs
2/10 µs
IPP = 150 A
IPP = 200 A
12
20
V
VF
IF = 5 A
t = 500 µs
3
V
VFP(I)
10/700 µs
2/10 µs
Ipp = 150 A
Ipp = 200 A
7
10
V
IR
VGn / LINE = -1 V
VLINE = -175 V
VGn / LINE = -1 V
VLINE = -175 V
Tj = 25 °C
Tj = 85 °C
5
50
µA
C
VLINE = -50 V, VRMS = 1 V, f = 1 MHz
VLINE = -2 V, VRMS = 1 V, f = 1 MHz
35
100
pF
CG
Gate decoupling capacitance
100
220
nF
1.
The oscillations with a time duration lower than 50 ns are not taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com