Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C15021 Datasheet(PDF) 1 Page - Cree, Inc

Part # C15021
Description  Strada series
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C15021 Datasheet(HTML) 1 Page - Cree, Inc

  C15021 Datasheet HTML 1Page - Cree, Inc C15021 Datasheet HTML 2Page - Cree, Inc C15021 Datasheet HTML 3Page - Cree, Inc C15021 Datasheet HTML 4Page - Cree, Inc C15021 Datasheet HTML 5Page - Cree, Inc C15021 Datasheet HTML 6Page - Cree, Inc C15021 Datasheet HTML 7Page - Cree, Inc C15021 Datasheet HTML 8Page - Cree, Inc C15021 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
PRODUCT DATASHEET
Strada series
last update 21/4/2016
DETAILS
Product Number
C15021_STRADA-2X2-SCL
Family
Strada
Type
Lens
Color
clear
Diameter
50 mm
Height
7,8 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
screw, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
21/04/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
Asymmetric degStreetligh...
94 %
0.630
-
XB-H
sim: AsymmetricStreetligh...
-
-
-
XHP35 HD
sim: AsymmetricStreetligh...
-
-
-
XM-L2
sim: AsymmetricStreetligh...
-
-
-
XP-L
Asymmetric degStreetligh...
94 %
0.900
-
XP-L HI
sim: AsymmetricStreetligh...
-
-
-
XT-E
sim: AsymmetricStreetligh...
-
-
-
XP-L
Asymmetric degStreetligh...
78 %
0.550
Undefined Manufacturer: Protective Plate, Glass
XP-G2
Asymmetric degStreetligh...
94 %
1.200
-
XP-L2
Asymmetric degStreetligh...
94 %
0.750
-
XP-G3
sim: Asym
Streetligh...
sim: 90 % sim: 0.760 -
H35C1 (LEMWA33)
sim: AsymmetricStreetligh...
sim: 91 % sim: 0.740 -
H35C1 (LEMWA33)
Asymmetric degStreetligh...
94 %
1.100
-
LUXEON 5258
sim: AsymmetricStreetligh...
-
-
-
LUXEON TX
Asymmetric degStreetligh...
94 %
1.040
-
LUXEON 5050
Asymmetric degStreetligh...
94 %
0.660
-
NVSxx19B/NVSxx19C
sim: AsymmetricStreetligh...
-
-
-
NVSxE21A
asym deg
Streetligh...
94 %
0.380
-
NVSW3x9A
Asymmetric degStreetligh...
94 %
0.930
-
Duris S8
sim: Asym
Streetligh...
sim: 92 % sim: 0.620 -
Oslon Square PC
Asymmetric degStreetligh...
94 %
0.900
-
Oslon Square Gen3
Asymmetric degStreetligh...
94 %
1.100
-
Fortimo FastFlex LED board 2x8 DA G4 Asymmetric degStreetligh...
94 %
1.000
-
Fortimo FastFlex LED board 2x8 DAX G4sim: AsymmetricStreetligh...
sim: 90 % sim: 0.760 -
LH351B
Asymmetric degStreetligh...
94 %
0.860
-
June 9th 2017 4:52 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C15021

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15021 LEDIL-C15021 Datasheet
5Mb / 92P
Strada Lens
More results

Similar Description - C15021

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13896 CREE-C13896 Datasheet
1Mb / 22P
Strada series
CA11243 CREE-CA11243 Datasheet
330Kb / 7P
Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
Strada series
CS15418 CREE-CS15418 Datasheet
2Mb / 33P
Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com