Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP40NF12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP40NF12
Description  N-CHANNEL 120V - 0.028W - 40A TO-220 LOW GATE CHARGE STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP40NF12 Datasheet(HTML) 1 Page - STMicroelectronics

  STP40NF12 Datasheet HTML 1Page - STMicroelectronics STP40NF12 Datasheet HTML 2Page - STMicroelectronics STP40NF12 Datasheet HTML 3Page - STMicroelectronics STP40NF12 Datasheet HTML 4Page - STMicroelectronics STP40NF12 Datasheet HTML 5Page - STMicroelectronics STP40NF12 Datasheet HTML 6Page - STMicroelectronics STP40NF12 Datasheet HTML 7Page - STMicroelectronics STP40NF12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
October 2003
STP40NF12
N-CHANNEL 120V - 0.028
Ω -40A TO-220
LOW GATE CHARGE STripFET™ II POWER MOSFET
(1) ISD ≤40A, di/dt ≤600A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(2) Starting Tj = 25°C, ID = 40A, VDD =50V
s
TYPICAL RDS(on) = 0.028Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP40NF12
120 V
< 0.032
Ω
40 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
120
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
120
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
40
A
ID
Drain Current (continuous) at TC = 100°C
28
A
IDM ( )
Drain Current (pulsed)
160
A
PTOT
Total Dissipation at TC = 25°C
150
W
Derating Factor
1
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
14
V/ns
EAS (2)
Single Pulse Avalanche Energy
150
mJ
Tstg
Storage Temperature
–55 to175
°C
Tj
Operating Junction Temperature
TO-220
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP40NF12

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP40NF12 ISC-STP40NF12 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP40NF12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NF12 STMICROELECTRONICS-STP14NF12 Datasheet
345Kb / 9P
N-CHANNEL 120V - 0.16ohm - 14A TO-220/TO-220FP LOW GATE CHARGE STripFET™ POWER MOSFET
August 2002
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40NF10L STMICROELECTRONICS-STP40NF10L Datasheet
272Kb / 8P
N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jun-2002
IRF530 STMICROELECTRONICS-IRF530 Datasheet
281Kb / 3P
N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET™ II POWER MOSFET
June 1988
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STP14NF12 STMICROELECTRONICS-STP14NF12_06 Datasheet
311Kb / 14P
N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STP40NF10 STMICROELECTRONICS-STP40NF10_07 Datasheet
238Kb / 12P
N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
31-Jan-2007
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET™II POWER MOSFET
Feb-2003
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STF24NF12 STMICROELECTRONICS-STF24NF12 Datasheet
257Kb / 12P
N-channel 120V - 0.070Ω - 24A TO-220FP Low gate charge STripFET??II MOSFET
04-Sep-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com