Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LURLVIR9553-R4 Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LURLVIR9553-R4
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURLVIR9553-R4 Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LURLVIR9553-R4 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURLVIR9553-R4 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LURLVIR9553-R4 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LURLVIR9553-R4 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LURLVIR9553-R4 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LURLVIR9553-R4 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LURLVIR9553-R4 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LURLVIR9553-R4 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LURLVIR9553-R4 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Recommended Soldering Conditions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LURLVIR9553/R4
Page 10/12
2.When soldering,do not put stress on the LEDs during heating.
1.Reflow soldering should not be done more than two times.
3.After soldering,do not warp the circuit board.
Note:
Above 220°C
60 sec.Max.
2 PB-Free Reflow Solder
Preheat
180~200°C
120 sec.Max.
1~5°C/sec
1~5°C/sec
1. Hand Solder
Basic spec is ≦ 320℃ 3 sec one time only.
260°C MaX. 10sec.Max
6°C/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com