Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0806-TCQ Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T0806-TCQ
Description  3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0806-TCQ Datasheet(HTML) 4 Page - ATMEL Corporation

  T0806-TCQ Datasheet HTML 1Page - ATMEL Corporation T0806-TCQ Datasheet HTML 2Page - ATMEL Corporation T0806-TCQ Datasheet HTML 3Page - ATMEL Corporation T0806-TCQ Datasheet HTML 4Page - ATMEL Corporation T0806-TCQ Datasheet HTML 5Page - ATMEL Corporation T0806-TCQ Datasheet HTML 6Page - ATMEL Corporation T0806-TCQ Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
T0806
4522ES–DVD–01/04
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
–0.5 to +6.0
V
Input voltage at IR, I2, I3
V
IN1
–0.5 to +1.0
V
Input voltage at NE2, NE3, ENOSC
V
IN2
–0.5 to V
CC +0.5
V
Output voltage
V
OUT
–0.5 to V
CC –1
V
Total output current
I
OUT
350
mA
Output current per channel
I
OUT (IR, I2, I3)
300
mA
Power dissipation
P
MAX
0.7
(1) to 1 (2)
W
Junction temperature
T
J
150
°C
Storage temperature range
T
Stg
–65 to +125
°C
Notes:
1. R
thJA ≤115 K/W, Tamb = 70° C
2. R
thJA ≤115 K/W, Tamb = 25° C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
135
K/W
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage range
V
CC
4.5 to 5.5
V
Input current
I
IR/II2/II3
< 3.0
mA
External resistor to GND to set oscillator
frequency
RF
> 3
k
Ω
External resistor to GND to set oscillator swing
RSA, RSB
> 1
k
Ω
Operating temperature range
T
amb
0 to +70
° C
Ordering Information
Extended Type Number
Package
Remarks
T0806-TCQ
SSO16
Taped and reeled
T0806-PEQG
Pb-free QFN16 (4 mm
× 4 mm)
Taped and reeled



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com