Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS14841 Datasheet(PDF) 1 Page - Cree, Inc

Part # CS14841
Description  Strada series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS14841 Datasheet(HTML) 1 Page - Cree, Inc

  CS14841 Datasheet HTML 1Page - Cree, Inc CS14841 Datasheet HTML 2Page - Cree, Inc CS14841 Datasheet HTML 3Page - Cree, Inc CS14841 Datasheet HTML 4Page - Cree, Inc CS14841 Datasheet HTML 5Page - Cree, Inc CS14841 Datasheet HTML 6Page - Cree, Inc CS14841 Datasheet HTML 7Page - Cree, Inc CS14841 Datasheet HTML 8Page - Cree, Inc CS14841 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRODUCT DATASHEET
Strada series
last update 31/5/2017
DETAILS
Product Number
CS14841_STRADA-2X2MX-SCL
Family
Strada
Type
Assembly
Color
clear
Diameter
90x90 mm
Height
13,17 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
31/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
PSL440
Asymmetric degAsymmetric 94 %
0.850
-
PSL445
Asymmetric degAsymmetric 94 %
0.560
-
XHP70
Asymmetric degAsymmetric 94 %
0.600
-
XHP35 HD
Asym deg
Asymmetric 94 %
0.901
-
XHP35 HI
Asymmetric degAsymmetric 94 %
0.880
-
XHP50
Asymmetric degAsymmetric 94 %
0.760
-
H70E0
Asymmetric degAsymmetric 94 %
0.760
-
LUXEON M/MX
Asymmetric degAsymmetric 94 %
0.730
-
LUXEON MZ
Asymmetric degAsymmetric 76 %
-
-
LUXEON XR-M square 2x2
Asymmetric degAsymmetric 94 %
0.790
-
NV4x144A
Asymmetric degAsymmetric 94 %
0.820
-
NFMW48xA
sim: asym
Asymmetric sim: 92 % sim: 0.820 -
Duris P10
sim: AsymmetricAsymmetric sim: 88 % sim: 0.800 -
Duris S10
Asymmetric degAsymmetric 94 %
0.680
-
June 12th 2017 4:09 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS14841

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CS14840 CREE-CS14840 Datasheet
1Mb / 20P
HighBay series
More results

Similar Description - CS14841

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13896 CREE-C13896 Datasheet
1Mb / 22P
Strada series
CA11243 CREE-CA11243 Datasheet
330Kb / 7P
Strada series
C15021 CREE-C15021 Datasheet
4Mb / 72P
Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
Strada series
CS15418 CREE-CS15418 Datasheet
2Mb / 33P
Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com