Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802RDS6E Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM802RDS6E
Description  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802RDS6E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM802RDS6E Datasheet HTML 21Page - STMicroelectronics STM802RDS6E Datasheet HTML 22Page - STMicroelectronics STM802RDS6E Datasheet HTML 23Page - STMicroelectronics STM802RDS6E Datasheet HTML 24Page - STMicroelectronics STM802RDS6E Datasheet HTML 25Page - STMicroelectronics STM802RDS6E Datasheet HTML 26Page - STMicroelectronics STM802RDS6E Datasheet HTML 27Page - STMicroelectronics STM802RDS6E Datasheet HTML 28Page - STMicroelectronics STM802RDS6E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
25/31
STM690/704/795/802/804/805/806
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = VRST (max) to 5.5V; and VBAT = 2.8V (except where noted).
2. VCC supply current, logic input leakage, Watchdog functionality, Push-button Reset functionality, PFI functionality, state of RST and
RST tested at VBAT = 3.6V, and VCC = 5.5V. The state of RST or RST and PFO is tested at VCC = VCC (min). Either VCC or VBAT
can go to 0V if the other is greater than 2.0V.
3. VCC (min) = 1.0V for TA = 0°C to +85°C.
4. Tested at VBAT = 3.6V, VCC = 3.5V and 0V.
5. Guaranteed by design.
6. The leakage current measured on the RST pin (STM804/805) or RST pin (STM795) is tested with the reset output not asserted
(output high impedance).
7. Not valid for STM795/804/805 (open drain).
8. When VBAT > VCC > VSW, VOUT remains connected to VCC until VCC drops below VSW.
9. When VSW > VCC > VBAT, VOUT remains connected to VCC until VCC drops below the battery voltage (VBAT) – 75mV.
10. The reset threshold tolerance is wider for VCC rising than for VCC falling due to the 10mV (typ) hysteresis, which prevents internal
oscillation.
Reset Thresholds
VRST
(10)
Reset Threshold
STM690T/
704T/795T/
805T
VCC Falling
3.00
3.075
3.15
V
VCC Rising
3.00
3.085
3.17
V
STM802T/
804T/806T
VCC Falling
3.00
3.075
3.12
V
VCC Rising
3.00
3.085
3.14
V
STM690S/
704S/795S/
805S
VCC Falling
2.85
2.925
3.00
V
VCC Rising
2.85
2.935
3.02
V
STM802S/
804S/806S
VCC Falling
2.88
2.925
3.00
V
VCC Rising
2.88
2.935
3.02
V
STM690R/
704R/795R/
805R
VCC Falling
2.55
2.625
2.70
V
VCC Rising
2.55
2.635
2.72
V
STM802R/
804R/806R
VCC Falling
2.59
2.625
2.70
V
VCC Rising
2.59
2.635
2.72
V
trec
RST Pulse Width
VCC < 3.6V
140
200
280
ms
Push-button Reset Input (STM704/806)
tMLMH
tMR
MR Pulse Width
100
20
ns
tMLRL
tMRD
MR to RST Output Delay
60
500
ns
Watchdog Timer (NOT available on STM704/795/806)
tWD
Watchdog Timeout Period
VRST (max) < VCC < 3.6V
1.12
1.60
2.24
s
WDI Pulse Width
VRST (max) < VCC < 3.6V
100
20
ns
Chip-Enable Gating (STM795 only)
E-to-ECON Resistance
VCC = VRST (max)
46
Ω
E-to-ECON Propagation Delay
VCC = VRST (max)
27
ns
Reset-to-ECON High Delay
10
µs
ISC
ECON Short Circuit Current
VCC = 3.6V, Disable Mode,
ECON = 0V
0.1
0.75
2.0
mA
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com