Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-TDA7478AD Datasheet(PDF) 2 Page - STMicroelectronics

Part # E-TDA7478AD
Description  SINGLE CHIP RDS DEMODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7478AD Datasheet(HTML) 2 Page - STMicroelectronics

  E-TDA7478AD Datasheet HTML 1Page - STMicroelectronics E-TDA7478AD Datasheet HTML 2Page - STMicroelectronics E-TDA7478AD Datasheet HTML 3Page - STMicroelectronics E-TDA7478AD Datasheet HTML 4Page - STMicroelectronics E-TDA7478AD Datasheet HTML 5Page - STMicroelectronics E-TDA7478AD Datasheet HTML 6Page - STMicroelectronics E-TDA7478AD Datasheet HTML 7Page - STMicroelectronics E-TDA7478AD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA7478
2/8
Table 2. Pin Description
Figure 3. Pin Connection (Top view)
Table 3. Thermal Data
No pin
Name
Description
1
QUAL
Output for signal quality indication (High = good)
2
RDDA
RDS data output
3
VREF
Reference voltage
4
MPX
RDS input signal
5
OSEL
Oscillator selector pin:
- open, closed to VS = quartz oscillator
- closed to GND=external driven
6
GND
Ground
7
N.U.
Not Used (to be left open)
8
FILOUT
Filter output
9
FSEL
Frequency selector pin:
- open = 4.332MHz
- closed to VS = 8.664MHz
10
TM
Test mode pin: - open = normal operation - closed to VS = testmode
11
EXTRES
Reset pin: - open=run mode - closed to VS = reset condition
12
VS
Supply voltage
13
OSCIN
Oscillator input
14
OSCOUT
Oscillator output
15
T57
Testing output pin: 57kHz clock output
16
RDCL
RDS clock output 1187.5Hz
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case Max.
200
°C/W
QUAL
RDDA
VREF
MPX
OSEL
N.U.
GND
1
3
2
4
5
6
7TM
VS
EXTRES
OSCIN
OSCOUT
T57
RDCL
16
15
14
13
12
10
11
D97AU752A
FILOUT
8
FSEL
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com