Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG640 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHG640
Description  High Efficiency LED in 5 mm Tinted Diffused Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG640 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHG640 Datasheet HTML 1Page - Vishay Siliconix TLHG640 Datasheet HTML 2Page - Vishay Siliconix TLHG640 Datasheet HTML 3Page - Vishay Siliconix TLHG640 Datasheet HTML 4Page - Vishay Siliconix TLHG640 Datasheet HTML 5Page - Vishay Siliconix TLHG640 Datasheet HTML 6Page - Vishay Siliconix TLHG640 Datasheet HTML 7Page - Vishay Siliconix TLHG640 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 83219
Rev. 1.5, 31-Aug-04
VISHAY
TLHG / R / Y640.
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLHR64.. , TLHY64.. , TLHG64.. ,
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLHR64..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Yellow
TLHY64..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
DC Forward current
Tamb ≤ 65 °C
IF
30
mA
Surge forward current
tp ≤ 10 µsIFSM
1A
Power dissipation
Tamb ≤ 65 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 20 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
350
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHR6400
IV
1.6
3.5
mcd
TLHR6401
IV
47
mcd
TLHR6405
IV
6.3
10
mcd
Dominant wavelength
IF = 10 mA
λd
612
625
nm
Peak wavelength
IF = 10 mA
λp
635
nm
Angle of half intensity
IF = 10 mA
ϕ
± 30
deg
Forward voltage
IF = 20 mA
VF
23
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHY6400
IV
1.6
3.5
mcd
TLHY6401
IV
47
mcd
TLHY6405
IV
6.3
10
mcd
Dominant wavelength
IF = 10 mA
λd
581
594
nm
Peak wavelength
IF = 10 mA
λp
585
nm
Angle of half intensity
IF = 10 mA
ϕ
± 30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com