Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH156P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLRH156P
Description  TOSHIBA LED Lamp InGaA?밣 Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH156P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLRH156P Datasheet HTML 1Page - Toshiba Semiconductor TLRH156P Datasheet HTML 2Page - Toshiba Semiconductor TLRH156P Datasheet HTML 3Page - Toshiba Semiconductor TLRH156P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLRH156P
2002-09-25
3
IV – Tc
Case temperature Tc (°C)
3
−20
1
0.5
0.3
0.1
0
20
40
60
80
IF – Ta
Ambient temperature Ta (°C)
80
0
0
60
40
20
20
40
60
80
100
IF – VF
Forward voltage VF (V)
50
1
1.6
30
10
5
3
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Ta = 25 °C
Relative Luminous Intensity _
Wavelength
Wavelength λ (nm)
1.0
0
580
0.8
0.6
0.4
0.2
600
620
640
660
680
700
IF = 20 mA
Ta = 25 °C
Radiation Pattern
Ta = 25 °C
0
90゜
80゜
70゜
60゜
30゜
20゜
50゜
40゜
10゜
0゜
90゜
80゜
70゜
60゜
30゜
20゜
50゜
40゜
10゜
0.2
0.4
0.8
0.6
IV – IF
Forward current IF (mA)
5000
1
300
1000
500
100
50
20
3
5
10
30
50
100
3000
300 500
Ta = 25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com