Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-FS1-R26-X000 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-FS1-R26-X000
Description  d-sub technical data
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-FS1-R26-X000 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-FS1-R26-X000 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.78±0.20
8.23±0.20
8.15
REF.
5.18
12.57 REF.
REF.
2.51
2.11
0.29 REF.
(TYP.)
0.40
0.80 (TYP.)
C
.03
D
.03
11.50
0
±0.11
1.45±0.05
8.60
12
1.40 -0.05
0.90±0.05
2.93
13.39
±0.10
6.30
±0.10
11.80
5.35
1.14 MIN
ZLJ
D
C
B
A
A
B
C
D
ENG.REL.NO.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILIMETERS
TOLERANCES ARE:
DECIMALS
ANGLES
J
OCT 4/07
ZLJ
IMPERIAL UNITS REMOVED
AUG 21/07
2
0.13
MATERIAL AND FINISH
DO NOT SCALE DRAWING
1
2
3
4
5
6
7
8
8
7
6
54
3
2
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
E
F
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
ECN
1 OF 1
NTS
CODE IDENT. NO.
C
SFF, 26 POSITION CONNECTOR
P-FS1-R26-X000
SFF
03554
YK
YK
15/FEB/06
15/FEB/06
J
INITIAL RELEASE
APR 18/06
EAR
ML
D
PCB SOLDER PAD WIDTH REVISED FROM .010" TO .014"
FEB 19/07
ZLJ
E
TOLERANCE ADDED TO PCB HOLE & LOCATING PIN
FEB 27/07
ZLJ
F
FS1-R26-3000 ADDED
APR 05/07
ZLJ
G
H
DIAM. PEG DIM'S. ADDED, TOLERANCE ADDED TO .472
HOUSING MODIFIED
AUG10/07
.X
0.25
.XX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
ZLJ
D
0.10 C
11.50
8.600
4) COMPLIES WITH SFF-8086
NOTES:
1) MATERIAL:
HOUSING: SOLDER REFLOW PROCESS COMPATIBLE LCP, UL94V-0
CONTACTS: PHOSPHOR BRONZE
2) ROHS COMPLIANT
3) PERFORMANCE:
ELECTRICAL: 0.5 AMPS MAX. PER CONTACT
MECHANICAL: 250 MATING CYCLES MINIMUM
RECOMMENDED PCB LAYOUT
NO TRACES OR INK MARKING ALLOWED
KEEPOUT ZONE IN HATCHED AREAS
0.05 L
A
A B
B
A
L
0.05
B
REF.
1.78 REF.
REF.
2X 1.14
±0.05
1.55
(TYP.)
±0.03
2X
(TYP.)
±0.03
±0.05
12
0.35
1.80
REF.
2.03
1
2X 1.27
1.55
PART NUMBER
PACKAGING
FS1-R26-2000
FS1-R26-3000
TAPE AND REEL
30µ" GOLD OVER 50µ" NICKEL IN CONTACT AREAS
100µ" MATTE TIN OVER 50µ" NICKEL IN SOLDER AREAS
CONTACT PLATING
15µ" GOLD OVER 50µ" NICKEL IN CONTACT AREAS
100µ" MATTE TIN OVER 50µ" NICKEL IN SOLDER AREAS


Similar Part No. - P-FS1-R26-X000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-FS1-R26-X001 AMPHENOL-P-FS1-R26-X001 Datasheet
74Kb / 1P
d-sub technical data
More results

Similar Description - P-FS1-R26-X000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
d-sub technical data
RJMG2310228A0ER AMPHENOL-RJMG2310228A0ER Datasheet
1Mb / 4P
d-sub technical data
P-456E-107S AMPHENOL-P-456E-107S Datasheet
105Kb / 1P
d-sub technical data
P-456E-X17S AMPHENOL-P-456E-X17S Datasheet
99Kb / 1P
d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
d-sub technical data
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com