Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP0202K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TP0202K
Description  P-Channel 30-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0202K Datasheet(HTML) 2 Page - Vishay Siliconix

  TP0202K Datasheet HTML 1Page - Vishay Siliconix TP0202K Datasheet HTML 2Page - Vishay Siliconix TP0202K Datasheet HTML 3Page - Vishay Siliconix TP0202K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP0202K
Vishay Siliconix
www.vishay.com
2
Document Number: 71609
S-41777—Rev. D, 04-Oct-04
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −100 mA
−30
−38
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−1.3
−2
−3.0
V
Gate Body Leakage
IGSS
VDS = 0 V, VGS = "5 V
"50
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "10 V
"300
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V
−100
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V, TJ = 85_C
−10
mA
On-State Drain Currenta
ID(on)
VDS = −10 V, VGS = −10 V
−500
mA
Drain Source On Resistancea
rDS( )
VGS = −4.5 V, ID = −50 mA
2.1
3.5
W
Drain-Source On-Resistancea
rDS(on)
VGS = −10 V, ID = −500 mA
1.25
1.4
W
Forward Transconductancea
gfs
VDS = −5 V, ID = −200 mA
315
mS
Diode Forward Voltagea
VSD
IS = −250 mA, VGS = 0 V
−1.2
V
Dynamic
Total Gate Charge
Qg
1000
Gate-Source Charge
Qgs
VDS = −16 V, VGS = −10 V, ID ^ −200 mA
225
pC
Gate-Drain Charge
Qgd
DS
GS
D
175
p
Input Capacitance
Ciss
31
Output Capacitance
Coss
VDS = −15 V, VGS = 0 V, f = 1 MHz
11
pF
Reverse Transfer Capacitance
Crss
DS
GS
4
p
Switchingb
Turn On Time
td(on)
9
Turn-On Time
tr
VDD = −15 V, RL = 75 W
6
ns
Turn Off Time
td(off)
VDD = 15 V, RL = 75 W
ID ^ −200 mA, VGEN = −10 V, RG = 6 W
30
ns
Turn-Off Time
tf
20
Notes
a.
Pulse test: PW v300 ms duty cycle v2%.
b.
Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com