Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1-SA Datasheet(PDF) 4 Page - CUI INC

Part # PCM1-SA
Description  industry standard SIP 7 package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCM1-SA Datasheet(HTML) 4 Page - CUI INC

  PCM1-SA Datasheet HTML 1Page - CUI INC PCM1-SA Datasheet HTML 2Page - CUI INC PCM1-SA Datasheet HTML 3Page - CUI INC PCM1-SA Datasheet HTML 4Page - CUI INC PCM1-SA Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 08/31/2016
│ page 4 of 5
CUI Inc
│ SERIES: PCM1-SA │ DESCRIPTION: DC-DC CONVERTER
Efficiency vs. Load
Load (%)
10 20
40
60
80
100
10
5
-5
VNOM
5
-2
-5
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve
Typical Load
Line
-10
Max
Min
PERFORMANCE CURVES
PACKAGING
units: mm
Tube Size: 15.5 x 8 x 520 mm
QTY: 25 pcs
8.0±0.5
3.9±0.5
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com