Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-051B Datasheet(PDF) 1 Page - CUI INC

Part # PJ-051B
Description  right-angle orientation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-051B Datasheet(HTML) 1 Page - CUI INC

  PJ-051B Datasheet HTML 1Page - CUI INC PJ-051B Datasheet HTML 2Page - CUI INC PJ-051B Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 04/14/2016
page 1 of 3
cui.com
MODEL: PJ-051B
│ DESCRIPTION: DC POWER JACK
FEATURES
• 2.5 mm center pin
• 2.5 A rating
• right-angle orientation
• through hole
• shielded
• low profile
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
24
Vdc
rated input current
2.5
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
terminal strength
any direction for 10 seconds
500
g
operating temperature
-25
85
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
dipped in solder pot for 5 ±0.5 seconds
255
260
265
°C
RoHS
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-051B

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PJ-051B CUID-PJ-051B Datasheet
311Kb / 3P
DC POWER JACK
11/05/2019
logo
CUI INC
PJ-051BH CUI-PJ-051BH Datasheet
299Kb / 3P
DC POWER JACK
logo
CUI Devices
PJ-051BH CUID-PJ-051BH Datasheet
314Kb / 3P
DC POWER JACK
11/05/2019
More results

Similar Description - PJ-051B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98122-1001 MOLEX11-98122-1001 Datasheet
53Kb / 2P
3.33mm / 4.20mm Pitch Hybrid Female Housing, Sealed, Right Slide Orientation
98273-1002 MOLEX11-98273-1002 Datasheet
45Kb / 1P
3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
98273-1004 MOLEX11-98273-1004 Datasheet
53Kb / 1P
3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
logo
CUI INC
UJ2-AH-SMT CUI-UJ2-AH-SMT Datasheet
323Kb / 4P
horizontal orientation
logo
Molex Electronics Ltd.
0981221002 MOLEX1-0981221002 Datasheet
45Kb / 2P
3.33mm / 4.20mm Pitch Hybrid Female Housing, Sealed, Right Slide Orientation
0981221003 MOLEX1-0981221003 Datasheet
44Kb / 2P
3.33mm / 4.20mm Pitch Hybrid Female Housing, Sealed, Right Slide Orientation
0982731001 MOLEX1-0982731001 Datasheet
45Kb / 1P
3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
0982731003 MOLEX1-0982731003 Datasheet
44Kb / 1P
3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
0982731004 MOLEX1-0982731004 Datasheet
46Kb / 1P
3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
0982731005 MOLEX1-0982731005 Datasheet
37Kb / 1P
3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com