Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14607 Datasheet(PDF) 1 Page - Cree, Inc

Part # C14607
Description  HighBay series
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C14607 Datasheet(HTML) 1 Page - Cree, Inc

  C14607 Datasheet HTML 1Page - Cree, Inc C14607 Datasheet HTML 2Page - Cree, Inc C14607 Datasheet HTML 3Page - Cree, Inc C14607 Datasheet HTML 4Page - Cree, Inc C14607 Datasheet HTML 5Page - Cree, Inc C14607 Datasheet HTML 6Page - Cree, Inc C14607 Datasheet HTML 7Page - Cree, Inc C14607 Datasheet HTML 8Page - Cree, Inc C14607 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
PRODUCT DATASHEET
HighBay series
last update 3/1/2017
DETAILS
Product Number
C14607_HB-2X2-M
Family
HighBay
Type
Lens array
Color
clear
Diameter
50x50 mm
Height
8,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
3/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
36 deg
Medium
94 %
1.800
-
XM-L
32 deg
Medium
93 %
2.040
-
XP-L
31 deg
Medium
94 %
2.213
-
XM-L2
32 deg
Medium
92 %
2.112
-
XP-G3
sim: 28
Medium
sim: 92 % sim: 3.000 -
XP-G2
25 deg
Medium
-
3.100
-
XP-L2
31 deg
Medium
93 %
2.100
-
LUXEON MZ
30 deg
Medium
91 %
2.400
-
LUXEON 5050
34 deg
Medium
94 %
1.950
-
LUXEON 3030 2D
sim: 21
Medium
sim: 91 % sim: 4.700 -
LUXEON 3535 2D
sim: 22
Medium
sim: 92 % sim: 4.500 -
NWSx229A
33 deg
Medium
87 %
2.200
-
NVSW3x9A
28 deg
Medium
94 %
2.800
-
Duris S8
sim: 33
Medium
sim: 88 % sim: 2.000 -
Oslon Square Gen3
23 deg
Medium
91 %
3.750
-
Fortimo FastFlex LED board 2x8 DA G4 25 deg
Medium
92 %
3.000
-
Fortimo FastFlex LED board 2x8 DAX G4sim: 28
Medium
sim: 92 % sim: 3.000 -
LH351B
28 deg
Medium
85 %
2.720
-
LH351D
35 deg
Medium
91 %
1.900
-
Z8Y22P
25 deg
Medium
92 %
3.100
-
RLE G1 49x223mm 4000lm xxx EXC OTD
24 deg
Medium
94 %
3.000
-
RLE G1 49x245mm 4000lm xxx EXC OTD
24 deg
Medium
94 %
3.000
-
RLE G1 49x121mm 2000lm xxx EXC OTD
24 deg
Medium
94 %
3.000
-
RLE G1 49x133mm 2000lm xxx EXC OTD
24 deg
Medium
94 %
3.000
-
June 13th 2017 8:05 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14607

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14607 LEDIL-C14607 Datasheet
3Mb / 62P
HighBay Lens array
More results

Similar Description - C14607

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13233 CREE-C13233 Datasheet
2Mb / 49P
HighBay series
C13605 CREE-C13605 Datasheet
3Mb / 45P
HighBay series
C13749 CREE-C13749 Datasheet
4Mb / 69P
HighBay series
C14605 CREE-C14605 Datasheet
2Mb / 35P
HighBay series
CS14839 CREE-CS14839 Datasheet
1Mb / 26P
HighBay series
C12345 CREE-C12345 Datasheet
1,016Kb / 17P
HighBay series
C13490 CREE-C13490 Datasheet
89Kb / 3P
HighBay series
CS14597 CREE-CS14597 Datasheet
4Mb / 60P
HighBay series
CS14891 CREE-CS14891 Datasheet
1Mb / 33P
HighBay series
CS14895 CREE-CS14895 Datasheet
1Mb / 29P
HighBay series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com