Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80IYD Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH80IYD
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYD Datasheet(HTML) 2 Page - STMicroelectronics

  TSH80IYD Datasheet HTML 1Page - STMicroelectronics TSH80IYD Datasheet HTML 2Page - STMicroelectronics TSH80IYD Datasheet HTML 3Page - STMicroelectronics TSH80IYD Datasheet HTML 4Page - STMicroelectronics TSH80IYD Datasheet HTML 5Page - STMicroelectronics TSH80IYD Datasheet HTML 6Page - STMicroelectronics TSH80IYD Datasheet HTML 7Page - STMicroelectronics TSH80IYD Datasheet HTML 8Page - STMicroelectronics TSH80IYD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TSH80-TSH81-TSH82
2/23
Order Codes
Type
Temperature Range
Package
Packaging
Marking
TSH80ILT
-40°C to +85°C
SOT23-5
Tape & Reel
K303
TSH80IYLT
SOT23-5 (automotive grade level)
K310
TSH80ID/DT
SO-8
Tube or Tape & Reel
TSH80I
TSH80IYD/IYDT
-40°C to +125°C
SO-8 (automotive grade level)
SH80IY
TSH81ID/DT
-40°C to +85°C
SO-8
TSH81I
TSH81IPT
TSSOP8
Tape & Reel
SH81I
TSH82ID/DT
SO-8
Tube or Tape & Reel
TSH82I
TSH82IPT
TSSOP8
Tape & Reel
SH82I
TSH82IYD/ITDT
-40°C to +125°C
SO-8 (automotive grade level)
Tube or Tape & Reel
SH82IY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com