Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2897 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2897
Description  ADVANCED CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2897 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC2897 Datasheet HTML 17Page - Texas Instruments UCC2897 Datasheet HTML 18Page - Texas Instruments UCC2897 Datasheet HTML 19Page - Texas Instruments UCC2897 Datasheet HTML 20Page - Texas Instruments UCC2897 Datasheet HTML 21Page - Texas Instruments UCC2897 Datasheet HTML 22Page - Texas Instruments UCC2897 Datasheet HTML 23Page - Texas Instruments UCC2897 Datasheet HTML 24Page - Texas Instruments UCC2897 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
UCC2897
SLUS591A − NOVEMBER 2003 − REVISED MARCH 2004
21
www.ti.com
APPLICATION INFORMATION: SETUP GUIDE
In the UCC2897, controller slope compensation is implemented by sourcing a linearly increasing current at the
CS pin. When this current passes through the current sense filter resistor (RF), it is converted to a slope
compensation ramp which can be characterized by its dV
S dt . The
dV
S dt
of the slope compensation
current is defined by RSLOPE according to:
dI
S
dt
+
5
2V
t
ON
R
SLOPE
where
D 2V is the peak−to−peak ramp amplitude of the internal oscillator waveform
D 5 is the multiplication factor of the internal current mirror
The voltage equivalent of the compensation ramp dV
S dt can be easily obtained by multiplying with RF. After
introducing the application specific m and dV
L dt values, the equation can be rearranged for RSLOPE:
R
SLOPE +
5
2V
R
F
t
ON
m
dV
L
dt
The UCC2897 controller is dedicated to control current mode active clamp flyback or forward converters in an
isolated power supply. The key advantage of the active clamp topologies is the zero voltage switching (ZVS)
of the primary side semiconductors. This operating mode reduces the switching losses of the converter, thus
facilitates higher switching frequencies or improves efficiency when operated at similar frequencies as its hard
switched counterparts. The simplified schematic below demonstrates the typical implementation of an active
clamp forward converter with high-side clamp utilizing a P-channel auxiliary switch.
Detailed analysis and design examples of active clamp converters are published in the references listed at the
end of this datasheet.
CBIAS
+VIN
−VIN
CCLAMP
QAUX
QMAIN
RCS
CIN
11
9
17
14
15
FB
VIN
CS
GND
OUT
VDD
AUX
Secondary−Side
Error Amplifier
and Isolation
Synchronous
Rectifier
Control
8
UCC2897
Bootstrap
Bias
Load
P−Channel
Gate Drive
1
UDG−03154
Figure 8. Active Clamp Forward Converter
(24)
(25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com