Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH81I Datasheet(PDF) 1 Page - STMicroelectronics

Part # SH81I
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SH81I Datasheet(HTML) 1 Page - STMicroelectronics

  SH81I Datasheet HTML 1Page - STMicroelectronics SH81I Datasheet HTML 2Page - STMicroelectronics SH81I Datasheet HTML 3Page - STMicroelectronics SH81I Datasheet HTML 4Page - STMicroelectronics SH81I Datasheet HTML 5Page - STMicroelectronics SH81I Datasheet HTML 6Page - STMicroelectronics SH81I Datasheet HTML 7Page - STMicroelectronics SH81I Datasheet HTML 8Page - STMicroelectronics SH81I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev 2
August 2005
1/23
23
TSH80-TSH81-TSH82
Wide Band, Rail-to-Rail Operational Amplifier
with Standby Function
■ 4.5V, 12V operating conditions
■ 3dB-bandwidth: 100MHz
■ Slew-rate: 100V/
µs
■ Output current: up to 55mA
■ Input single supply voltage
■ Output rail-to-rail
■ Specified for 150
Ω load
■ Low distortion, THD: 0.1%
■ SOT23-5, TSSOP and SO packages
Description
The
TSH8x
series
offers
single
and
dual
operational
amplifiers
featuring
high
video
performances with large bandwidth, low distortion
and excellent supply voltage rejection. These
amplifiers feature also large output voltage swing
and high output current capability to
drive
standard 150
Ω loads.
Running at single or dual supply voltage from
4.5V to 12V, these amplifiers are tested at
5V(±2.5V) and 10V(±5V) supplies.
The TSH81 also features a standby mode, which
allows the operational amplifier to be put into a
standby mode with low power consumption and
high output impedance.The function allows power
saving or signals switching/multiplexing for high
speed applications and video applications.
For board space and weight saving, TSH8x series
is proposed in SOT23-5, TSSOP8 and SO-8
packages.
Application
■ Video buffers
■ A/D converters driver
■ Hi-Fi applications
Pin Connections (top view)
D
SO-8
(Plastic Micro package)
L
SOT23-5
(Plastic Micro package)
P
TSSOP8
(Plastic Micro package)
TSH80 : SOT23-5/SO8
1
2
3
5
4
VCC -
VCC +
+ -
Non-Inv. In.
Inv. In.
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH81 : SO8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH82 : SO8/TSSOP8
Output
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. In.
Non-Inv. In.
TSH80 : SOT23-5/SO8
1
2
3
5
4
VCC -
VCC +
+ -
Non-Inv. In.
Inv. In.
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH81 : SO8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH82 : SO8/TSSOP8
Output
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. In.
Non-Inv. In.
www.st.com


Similar Part No. - SH81I

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SH8 RECTRON-SH8 Datasheet
849Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Multicomp Pro
SH84BK MULTICOMP-SH84BK Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
SH84BL MULTICOMP-SH84BL Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
SH84GN MULTICOMP-SH84GN Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
SH84GY MULTICOMP-SH84GY Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
More results

Similar Description - SH81I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Apr-1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Apr-1999
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
Aug-2002
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Oct-1997
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
Wide band rail-to-rail operational amplifier with standby function
19-May-2009
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com