Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF01P6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBUF01P6
Description  EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF01P6 Datasheet(HTML) 1 Page - STMicroelectronics

  USBUF01P6 Datasheet HTML 1Page - STMicroelectronics USBUF01P6 Datasheet HTML 2Page - STMicroelectronics USBUF01P6 Datasheet HTML 3Page - STMicroelectronics USBUF01P6 Datasheet HTML 4Page - STMicroelectronics USBUF01P6 Datasheet HTML 5Page - STMicroelectronics USBUF01P6 Datasheet HTML 6Page - STMicroelectronics USBUF01P6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
USBUF01P6
EMI FILTER AND LINE TERMINATION
FOR USB UPSTREAM PORTS
REV. 2
SOT-666IP
(Internal Pad)
May 2004
APPLICATIONS
EMI Filter and line termination for USB upstream
ports on:
■ USB Hubs
■ PC peripherals
FEATURES
■ Monolithic device with recommended line
termination for USB upstream ports
■ Integrated Rt series termination and Ct
bypassing capacitors.
■ Integrated ESD protection
■ Small package size
DESCRIPTION
The USB specification requires upstream ports to
be terminated with pull-up resistors from the D+
and D- lines to Vbus. On the implementation of
USB systems, the radiated and conducted EMI
should be kept within the required levels as stated
by the FCC regulations. In addition to the
requirements
of
termination
and
EMC
compatibility, the computing devices are required
to be tested for ESD susceptibility.
The USBUF01P6 provides the recommended line
termination while implementing a low pass filter to
limit EMI levels and providing ESD protection
which exceeds IEC61000-4-2 level 4 standard.
The device is packaged in a SOT-666 which is the
smallest available lead frame package (45%
smaller than the standard SOT323).
BENEFITS
■ EMI / RFI noise suppression
■ Required line termination for USB upstream
ports
■ ESD protection exceeding IEC61000-4-2 level 4
■ High flexibility in the design of high density
boards
■ Tailored to meet USB 2.0 standard (low speed
and high speed data transmission)
Order Codes
Part Number
Marking
USBUF01P6
U
IPAD™
FUNCTIONAL DIAGRAM
3.3 V
Rp
Ct
Rt
Ct
Rt
D1
Grd
D2
D4
D3
3.3 V
COMPLIES WITH THE FOLLOWING STANDARDS:
■ IEC61000-4-2 level4:
15kV
(air discharge)
8kV
(contact discharge)
■ MIL STD 883E-Method 3015-7:
Class 3 C = 100 pF R = 1500
Ω
3 positive strikes and 3 negative strikes (F = 1 Hz)


Similar Part No. - USBUF01P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBUF01P6 STMICROELECTRONICS-USBUF01P6 Datasheet
116Kb / 9P
EMI filter and line termination for USB upstream ports
29-Aug-2006
USBUF01P6 STMICROELECTRONICS-USBUF01P6_06 Datasheet
116Kb / 9P
EMI filter and line termination for USB upstream ports
29-Aug-2006
USBUF01P6 STMICROELECTRONICS-USBUF01P6_10 Datasheet
119Kb / 9P
IPAD??EMI filter and line termination for USB upstream ports
18-Feb-2010
More results

Similar Description - USBUF01P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KBMFXXSC6 STMICROELECTRONICS-KBMFXXSC6 Datasheet
90Kb / 8P
EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
Feb-2002
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5 Datasheet
103Kb / 9P
EMI FILTER AND LINE TERMINATION FOR USB DOWNSTREAM PORTS
May-2000
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6 Datasheet
98Kb / 9P
EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
Mar-2002
logo
ON Semiconductor
NUF2222FC ONSEMI-NUF2222FC Datasheet
50Kb / 6P
2 Line USB 1.1 Upstream EMI Filter
June, 2005 ??Rev. 0
logo
STMicroelectronics
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6_06 Datasheet
152Kb / 11P
EMI filter and line termination for USB upstream ports
28-Feb-2006
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5_06 Datasheet
154Kb / 11P
EMI filter and line termination for USB downstream ports
15-Sep-2006
USBUF01P6 STMICROELECTRONICS-USBUF01P6_06 Datasheet
116Kb / 9P
EMI filter and line termination for USB upstream ports
29-Aug-2006
KBMF STMICROELECTRONICS-KBMF Datasheet
98Kb / 8P
EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
28-Oct-2004
USBUF01P6 STMICROELECTRONICS-USBUF01P6_10 Datasheet
119Kb / 9P
IPAD??EMI filter and line termination for USB upstream ports
18-Feb-2010
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
EMI filter and line termination for USB upstream ports
24-Aug-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com