Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH82I Datasheet(PDF) 16 Page - STMicroelectronics

Part # SH82I
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SH82I Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SH82I Datasheet HTML 12Page - STMicroelectronics SH82I Datasheet HTML 13Page - STMicroelectronics SH82I Datasheet HTML 14Page - STMicroelectronics SH82I Datasheet HTML 15Page - STMicroelectronics SH82I Datasheet HTML 16Page - STMicroelectronics SH82I Datasheet HTML 17Page - STMicroelectronics SH82I Datasheet HTML 18Page - STMicroelectronics SH82I Datasheet HTML 19Page - STMicroelectronics SH82I Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Testing Conditions
TSH80-TSH81-TSH82
16/23
4
Testing Conditions
4.1
Layout precautions:
To use the TSH8X circuits in the best manner at high frequencies, some precautions have to be
taken for power supplies:
●
First of all, the implementation of a proper ground plane in both sides of the PCB is
mandatory for high speed circuit applications to provide low inductance and low resistance
common return.
●
Power supply bypass capacitors (4.7uF and ceramic 100pF) should be placed as close as
possible to the IC pins in order to improve high frequency bypassing and reduce harmonic
distortion. The power supply capacitors must be incorporated for both the negative and the
positive pins.
●
Proper termination of all inputs and outputs must be in accordance with output termination
resistors; then the amplifier load will be only resistive and the stability of the amplifier will
be improved.
All leads must be wide and as short as possible especially for op amp inputs and outputs
in order to decrease parasitic capacitance and inductance.
●
For lower gain application, attention should be paid not to use large feedback resistance
(>1k
Ω) to reduce time constant with parasitic capacitances.
●
Choose component sizes as small as possible (SMD).
●
Finally, on output, the load capacitance must be negligible to maintain good stability. You
can put a serial resistance the closest to the output pin to minimize its influence.
4.2
Maximum input level:
The input level must not exceed the following values:
●
Negative peak: must be greater than -Vcc+400mV.
●
Positive peak value: must be lower than +Vcc-400mV.
The electrical characteristics show the influence of the load on this parameter.
Figure 31. CCIR330 video line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com