Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJSNE Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RJSNE
Description  Network servers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJSNE Datasheet(HTML) 2 Page - Amphenol Corporation

  RJSNE Datasheet HTML 1Page - Amphenol Corporation RJSNE Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Amphenol Canada Corp.
Page 2 of 2
605 Milner Avenue
Toronto, Ontario, Canada, M1B 5X6
Copyright © Amphenol Corporation 2013 • All rights reserved
+1 416 291 4401
www.amphenolcanada.com
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES
WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
S6070C Rev 1.0
Electrical Characteristics
Contact resistance:
20 mΩ max.
Insulation resistance:
500 MΩ minimum at 500V DC for 2 minutes max.
Current rating:
1.5 Amps
Voltage rating:
125 Volts AC
DWV
1000 VAC, 60 Hz. 1 min.
LED forward DC current:
20mA typical
LED forward Voltage:
1.9 Volts max. @ 2mA (for single colors)
2.6 Volts max. @ 20mA (for Bi-colors)
LED reverse voltage:
5 Volts minimum
LED light intensity:
0.4 to 1.5 mcd @ 2mA (for single colors)
0.5 mcd min. @ 2mA (for Bi-colors)
LED wave length:
Yellow: 587± 7 nm measured @ 20mA
Green:
565± 6 nm measured @ 20mA
Red:
625± 5 nm measured @ 20mA
Mechanical Characteristics
Mating connector insertion force: 5.0 lbs. Maximum.
Mating connector pull retention force: 20 lbs Minimum.
Durability: 750 mating & unmating cycles
Recommended soldering temperature: Wave soldering peaked at 260° C for 5 seconds maximum.
Operating temperature: -40° C to +85° C
Material Requirements
RJSNE connectors are RoHS compliant.
Unless otherwise specified, the materials for each component shall be:
Insulator:
Engineering thermoplastic. Complies with UL 94V-0, Black color
Contacts:
Phosphor Bronze hard temper with gold thickness options (6µ”, 15µ”, 30µ”, 50µ”) over
50µ” minimum Nickel on contact mating area.
100µ” minimum matte tin plating on soldering tail
Shield:
Copper alloy, Nickel plated with tin dipped tail
or stainless steel with tin dipped tail.
LED:
Pure Tin plating on LED tail
Available Documents
Drawing Numbers:
P-RJSNE-X38X-X8X
2X4 ports stackable modular jack, shielded, 8 position, 8 contacts, with tail length
option and LED option.
P-RJSNE-X08X-X8X
2X4 ports stackable modular jack, 8 position, 8 contacts, with tail length option
and LED option.
Contact factory or Authorized Amphenol representative for additional configurations
About Amphenol
Commercial Products
Amphenol’s commercial
connector products are
used in a variety of end
user applications
including networking,
telecom, server &
computer, storage &
HDD, consumer
electronics and
entertainment,
professional audio &
Industrial &
Military/Aerospace.
Related Products
RJULE
FRJAE
RJLSE
P/N RJULE‐4X182‐01 SHOWN 
SINGLE PORT REGULAR MOUNT,  
STANDARD SHIELD WITH SMT 
P/N FRJAE‐418 SHOWN 
SINGLE PORT, 8 POSITION,  
WITH FERRITE FILTER AND 
SHIELD (FRONT TABS) 
P/N RJLSE‐41181‐01 SHOWN 
SINGLE PORT REGULAR MOUNT,  
STANDARD SHIELD WITH SMT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com