Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJSSE Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RJSSE
Description  Network servers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJSSE Datasheet(HTML) 2 Page - Amphenol Corporation

  RJSSE Datasheet HTML 1Page - Amphenol Corporation RJSSE Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Amphenol Canada Corp.
Page 2 of 2
605 Milner Avenue
Toronto, Ontario, Canada, M1B 5X6
Copyright © Amphenol Corporation 2011 • All rights reserved
+1 416 291 4401
www.amphenolcanada.com
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES
WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
S6035C Rev 1.2
Electrical Characteristics
Contact resistance:
20 mΩ max.
Insulation resistance:
500 MΩ minimum at 500V DC for 2 minutes max.
Current rating:
1.5 Amps
Voltage rating:
125 Volts AC
DWV
1500 VAC, 60 Hz. 1 min.
Mechanical Characteristics
Mating connector insertion force: 5.0 lbs. Maximum.
Mating connector pull retention force: 20 lbs Minimum.
Durability: 750 mating & unmating cycles
Suitable for IR Reflow (Light Pipes to be installed after soldering)
Operating temperature: -55° C to +85° C
Material Requirements
RJSSE connectors are RoHS compliant.
Unless otherwise specified, the materials for each component shall be:
Insulator:
High Temp thermoplastic. Complies with UL 94V-0, Black color
Contacts:
Phosphor Bronze hard temper with gold thickness options (6µ”, 15µ”, 30µ”, 50µ”) over
50µ” minimum Nickel on contact mating area.
100µ” minimum matte tin over nickel on soldering tail
Shield:
Copper alloy; Nickel or Matte Tin plating
Light Pipe:
Optical grade polycarbonate, UL 94V-0
Available Documents
Drawing Numbers:
P-RJSSE-508X-XX
Surface Mount, 8 Position Modular Jack, Unshielded, optional Light Pipes
P-RJSSE-5381-04
4 Port, Surface Mount, 8 Position Modular Jack, Shielded with Light Pipes
P-RJSSE-7061
Surface Mount, 6 Position, Unshielded with Light Pipes
Contact factory or Authorized Amphenol representative for additional configurations
About Amphenol
Commercial Products
Amphenol’s commercial
connector products are
used in a variety of end
user applications
including networking,
telecom, server &
computer, storage &
HDD, consumer
electronics and
entertainment,
professional audio &
Industrial &
Military/Aerospace.
Related Products
RJULE
FRJAE
RJLSE
P/N RJULE‐4X182‐01 SHOWN 
SINGLE PORT REGULAR MOUNT,  
STANDARD SHIELD WITH SMT 
P/N FRJAE‐418 SHOWN 
SINGLE PORT, 8 POSITION,  
WITH FERRITE FILTER AND 
SHIELD (FRONT TABS) 
P/N RJLSE‐41181‐01 SHOWN 
SINGLE PORT REGULAR MOUNT,  
STANDARD SHIELD WITH SMT 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com