Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7928RA Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7928RA
Description  SONET/SDH 3.2Gb/s Laser Diode Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7928RA Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7928RA Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7928RA Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7928RA Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7928RA Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7928RA Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7928RA Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7928RA Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7928RA Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7928RA Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7928
SONET/SDH 3.2Gb/s Laser Diode Driver
Page 4
G52246-0, Rev 3.0
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 1: On-Chip Data and Clock Input Configuration
Figure 2: Single-Ended Operation
(NCLK)
NDIN
(CLKTERM)
DINTERM
(CLK)
DIN
VSS
VSS
GND
GND
50
50
4.0K
6.4K
DINTERM to -2.0V for Differential ECL Inputs
DATA BUFFER
(CLOCK BUFFER)
X
X
X
*
*
*
*
*On-chip
Components
0.1µf
0.1µf
0.1µf
0.1µf
GND
NCLK
CLK
NDIN
DINTERM
DIN
7928
DATA
SOURCE
CLOCK
SOURCE
GND
GND
CLKTERM
GND
0.1µf
0.1µf



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com