Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V48SC Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # V48SC
Description  Fixed frequency operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  V48SC Datasheet HTML 1Page - Delta Electronics, Inc. V48SC Datasheet HTML 2Page - Delta Electronics, Inc. V48SC Datasheet HTML 3Page - Delta Electronics, Inc. V48SC Datasheet HTML 4Page - Delta Electronics, Inc. V48SC Datasheet HTML 5Page - Delta Electronics, Inc. V48SC Datasheet HTML 6Page - Delta Electronics, Inc. V48SC Datasheet HTML 7Page - Delta Electronics, Inc. V48SC Datasheet HTML 8Page - Delta Electronics, Inc. V48SC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS_V48SC12007_04262016
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
V48SC12007NMFA/B
V48SC12007NRFA/H
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Ambient Temperature
-40
85
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
1500
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32.5
34.5
35.5
Vdc
Turn-Off Voltage Threshold
29.5
31.5
33.5
Vdc
Lockout Hysteresis Voltage
1.5
3
4
Vdc
Maximum Input Current
100% Load, 36Vin
4
A
No-Load Input Current
60
mA
Off Converter Input Current
8
12
mA
Inrush Current (I
2t)
With 100uF external input capacitor
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
20
mA
Input Voltage Ripple Rejection
120 Hz
-60
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
11.82
12
12.18
Vdc
Output Voltage Regulation
Over Load
Io=Io, min to Io, max
±5
mV
Over Line
Vin=36V to 75V
±5
mV
Over Temperature
Tc=-40°C to125°C
±180
mV
Total Output Voltage Range
Over sample load, line and temperature
11.64
12.36
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
max load on output, 20MHz bandwidth
10uF tantalum + 1uF ceramic capacitor
100
mV
RMS
max load on output, 20MHz bandwidth
10uF tantalum + 1uF ceramic capacitor
30
mV
Operating Output Current Range
0
7.5
A
Output Over Current Protection
Output Voltage 10% Low
110
140
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
load capacitor10uF tantalum + 1u ceramic 0.1A/uS
Frequency= 250Hz
Positive Step Change in Output Current
50% Io.max to 75% Io.max
300
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
300
mV
Settling Time (within 1% Vout nominal)
200
us
Turn-On Transient
Start-Up Delay Time, From On/Off Control or Input
From On/Off Control or Input to 10%Vo
15
ms
Start-Up Rise Time, From On/Off Control or Input
From 10%Vo to 90% Vo
40
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup;
0
3300
µF
EFFICIENCY
100% Load
Vin=48V
92.0
%
60% Load
Vin=48V
92.0
%
ISOLATION CHARACTERISTICS
Input to Output
1500
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1000
pF
FEATURE CHARACTERISTICS
Switching Frequency
420
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off
0
0.7
V
Logic High (Module Off)
Von/off
2.4
5
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off
0
0.7
V
Logic High (Module On)
Von/off
2.4
5
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=2.4V
uA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=5V
uA
Output Voltage Trim Range
Max rated current guaranteed at full trim range
-20
10
%
Output Voltage Remote Sense Range
Max rated current guaranteed at full remote sense
range
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
110
140
%
GENERAL SPECIFICATIONS
MTBF
Per Telecordia SR-332, 80% load, 25°C, 48Vin,
300LFM
4.9
M hours
Weight
Open frame
15
grams
weight
With heat-spreader
24
grams
Over-Temperature Shutdown (Open Frame)
Refer to Figure 21 for Hot spot1 location
(48Vin,80%Io, 200LFM,Airflow from Vout+ to Vin+)
132
°C
Over-Temperature Shutdown (With Heat Spreader)
Refer to Figure 23 for Hot spot2 location
(48Vin,80%Io, 200LFM,Airflow from Vout+ to Vin+)
120
°C
Over-Temperature Shutdown (NTC Resistor)
Refer to Figure 21 for NTC resistor location
125
°C
N
ote: Please attach thermocouple on NTC resistor to test OTP function, the hot spot’s temperature is just for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com