Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712LGEFL/V Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
WM9712L
Production Data
w
PD Rev 4.5 August 2006
38
TOUCHPANEL INTERFACE
The WM9712L includes a touchpanel driver and digitiser circuit for use with 4-wire or 5-wire resistive
touchpanels. The following functions are implemented:
•
X co-ordinate measurement
•
Y co-ordinate measurement
•
Pen down detection, with programmable sensitivity
•
Touch pressure measurement (4-wire touchpanel only)
•
Auxiliary measurement from COMP1/AUX1 (pin 29), COMP2/AUX2 (pin 30),
BMON/AUX3 (pin 31), or WIPER/AUX4 (pin 12)
The touchpanel digitiser uses a very low power, 12-bit successive approximation type ADC. The
same ADC can also be used for battery and auxiliary measurements (see the “Battery Alarm and
Battery Measurement” and “Auxiliary ADC Inputs” sections).
An on-chip switch matrix connects each touchpanel terminal to the supply voltage TPVDD, to ground
(TPGND), or to the ADC input, as required.
SAR
ADC
zero power
comparator
I
P
R
PU
PEN
DOWN
20K
10K
Figure 5 Touchpanel Switch Matrix
PRINCIPLE OF OPERATION - FOUR-WIRE TOUCHPANEL
Four-wire touchpanels are connected to the WM9712L as follows:
•
Right side contact = X+ (pin 14)
•
Left side contact = X- (pin 16)
•
Top side contact = Y+ (pin 15)
•
Bottom side contact = Y- (pin 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com