Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8199SCDR Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8199SCDR
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199SCDR Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8199SCDR Datasheet HTML 5Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 6Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 7Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 8Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 9Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 10Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 11Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 12Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
9
INPUT VIDEO SAMPLING
MCLK
VSMP
INPUT
VIDEO
t
PER
t
VSMPSU
t
VSMPH
t
VSU
t
VH
t
RSU
t
RH
t
MCLKL
t
MCLKH
Figure 3 Input Video Timing
Note:
1.
See Page 14 (Programmable VSMP Detect Circuit) for video sampling description.
Test Conditions
AVDD = DVDD1 = 5.0V, DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MCLK period
tPER
25
ns
MCLK high period
tMCLKH
11.3
14.1
ns
MCLK low period
tMCLKL
11.3
14.1
ns
VSMP set-up time
tVSMPSU
5
ns
VSMP hold time
tVSMPH
3
ns
Video level set-up time
tVSU
11
ns
Video level hold time
tVH
4
ns
Reset level set-up time
tRSU
11
ns
Reset level hold time
tRH
4
ns
Notes:
1.
tVSU and tRSU denote the set-up time required after the input video signal has settled.
2.
Parameters are measured at 50% of the rising/falling edge.
OUTPUT DATA TIMING
MCLK
OP[7:0]
t
PD
Figure 4 Output Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com