Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS15671 Datasheet(PDF) 2 Page - Cree, Inc

Part # CS15671
Description  Strada series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS15671 Datasheet(HTML) 2 Page - Cree, Inc

  CS15671 Datasheet HTML 1Page - Cree, Inc CS15671 Datasheet HTML 2Page - Cree, Inc CS15671 Datasheet HTML 3Page - Cree, Inc CS15671 Datasheet HTML 4Page - Cree, Inc CS15671 Datasheet HTML 5Page - Cree, Inc CS15671 Datasheet HTML 6Page - Cree, Inc CS15671 Datasheet HTML 7Page - Cree, Inc CS15671 Datasheet HTML 8Page - Cree, Inc CS15671 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
H
B
G
3
2
4
1
INDEX PART NO
DESCRIPTION MATERIAL COLOUR
1
C15670
STRADA-IP-2X6-DWC-B
PMMA
2
C14018
2X6-SEAL25
Silicone
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
47,2
SHEET
1/1
SIZE
A3
DRAWING TITLE
CS15671_STRADA-IP-2X6-DWC-B
PART NUMBER
CS15671
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Beam direction
Top of PCB
Pockets for wiring
and screw
B
B
173
54.2
54.2
54.2
A
A
50.8
3.21
location
pin
12.7
25.4
5x
25.4
LED
Location
Bumps against
PCB top
8.94
5.35
Section view A-A
Scale:
2:1
Silicone
Seal
LED recess
Space for
1.6mm PCB
Section view B-B
Scale:
2:1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com