Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFB0605MB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0605MB
Description  PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0605MB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0605MB Datasheet HTML 1Page - Delta Electronics, Inc. AFB0605MB Datasheet HTML 2Page - Delta Electronics, Inc. AFB0605MB Datasheet HTML 3Page - Delta Electronics, Inc. AFB0605MB Datasheet HTML 4Page - Delta Electronics, Inc. AFB0605MB Datasheet HTML 5Page - Delta Electronics, Inc. AFB0605MB Datasheet HTML 6Page - Delta Electronics, Inc. AFB0605MB Datasheet HTML 7Page - Delta Electronics, Inc. AFB0605MB Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFICATION FOR APPROVAL
Customer
Description
DC FAN
Part No.
REV.
Delta Model No. AFB0605MB
REV.
01
Sample Issue No.
Sample Issue Date
JAN.05.2011
PLEASE SEND ONE COPY OF THIS SPECIFICAITON
BACK
AFTER
YOU
SIGNED
APPROVAL
FOR
PRODUCTION PRE-ARRANGMENT.
APPROVED BY:
DATE
:
DELTA ELECTRONICS, INC.
TAOYUAN PLANT
252, SHANG YING ROAD, KUEI SAN INDUSTRIAL ZONE
TAOYUAN SHIEN, TAIWAN, R.O.C
.
TEL:886-(0)3-3591968
FAX:886-(0)3-3591991


Similar Part No. - AFB0605MB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0605MC DELTA-AFB0605MC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
AFB0605MD DELTA-AFB0605MD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
More results

Similar Description - AFB0605MB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0405HHA-AF00 DELTA-AFB0405HHA-AF00 Datasheet
1Mb / 9P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412HA-AR00 DELTA-AFB0412HA-AR00 Datasheet
864Kb / 9P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412HHA-TA5F DELTA-AFB0412HHA-TA5F Datasheet
856Kb / 9P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412SHB-T500 DELTA-AFB0412SHB-T500 Datasheet
639Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412VHA-DU48 DELTA-AFB0412VHA-DU48 Datasheet
604Kb / 10P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0512VHD-TZW4 DELTA-AFB0512VHD-TZW4 Datasheet
686Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0524VHD-TZW5 DELTA-AFB0524VHD-TZW5 Datasheet
691Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612H-EP DELTA-AFB0612H-EP Datasheet
2Mb / 7P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612SH-TA50 DELTA-AFB0612SH-TA50 Datasheet
774Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624HHD-F00 DELTA-AFB0624HHD-F00 Datasheet
756Kb / 9P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com