Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5812 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC5812
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5812 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC5812 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5812
Rev.0, Nov. 2001, page 8 of 10
(V
CE = 1 V, IC = 20 mA, ZO = 50 Ω
Ω
Ω
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.502
–40.3
36.64
147.5
0.013
76.3
0.824
–21.8
200
0.388
–66.7
27.85
127.8
0.021
70.3
0.653
–32.0
300
0.317
–84.6
21.13
116.2
0.027
69.3
0.531
–35.4
400
0.257
–99.2
16.75
108.5
0.034
72.2
0.460
–35.8
500
0.237
–109.6
13.87
103.5
0.040
73.6
0.416
–35.2
600
0.216
–115.5
11.77
99.5
0.047
75.0
0.387
–34.8
700
0.195
–125.0
10.19
96.1
0.054
75.6
0.367
–34.1
800
0.193
–129.2
9.00
93.5
0.060
76.3
0.352
–33.7
900
0.181
–135.9
8.03
90.8
0.068
77.1
0.340
–33.2
1000
0.179
–141.0
7.26
88.8
0.074
77.7
0.333
–33.3
1100
0.178
–142.4
6.66
86.8
0.081
78.1
0.326
–33.7
1200
0.176
–147.8
6.12
84.7
0.088
78.2
0.321
–34.0
1300
0.176
–150.0
5.68
83.2
0.094
78.4
0.317
–34.5
1400
0.166
–154.2
5.32
81.7
0.102
78.5
0.314
–35.1
1500
0.175
–158.0
4.97
80.0
0.109
78.6
0.311
–36.0
1600
0.172
–159.7
4.70
78.7
0.116
79.0
0.309
–36.8
1700
0.172
–162.4
4.43
77.0
0.123
78.9
0.307
–37.6
1800
0.179
–164.9
4.21
75.7
0.131
78.8
0.305
–38.6
1900
0.177
–166.8
4.01
74.3
0.138
78.7
0.304
–39.7
2000
0.183
–169.9
3.83
72.8
0.145
78.5
0.303
–40.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com