Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC13052 Datasheet(PDF) 7 Page - Cree, Inc

Part # CC13052
Description  Zowie series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CC13052 Datasheet(HTML) 7 Page - Cree, Inc

  CC13052 Datasheet HTML 1Page - Cree, Inc CC13052 Datasheet HTML 2Page - Cree, Inc CC13052 Datasheet HTML 3Page - Cree, Inc CC13052 Datasheet HTML 4Page - Cree, Inc CC13052 Datasheet HTML 5Page - Cree, Inc CC13052 Datasheet HTML 6Page - Cree, Inc CC13052 Datasheet HTML 7Page - Cree, Inc CC13052 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
A
D
3
2
4
1
DESIGNED BY
-
DATE
-
CHECKED BY
-
DATE
-
DRAWN BY
pl
DATE
9/20/2012
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
2:1 WEIGHT 0.00108kg
SHEET
1/1
SIZE
A4
PART NUMBER
CC13052
REV
001
DRAWING TITLE
DATA SHEET ZOWIE-MINI
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
Tolerances
if not otherwise shown:
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position:
class L
Raw material: PMMA
Part Drawing
INDEX PART NO DESCRIPTION MATERIAL
1
14.8
3
Spot position
Lens distance = 0mm
Wide position
Lens distance = 11mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com