Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9171A Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9171A
Description  Parallel In, Parallel Out
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9171A Datasheet(HTML) 7 Page - Micro Analog systems

  MAS9171A Datasheet HTML 1Page - Micro Analog systems MAS9171A Datasheet HTML 2Page - Micro Analog systems MAS9171A Datasheet HTML 3Page - Micro Analog systems MAS9171A Datasheet HTML 4Page - Micro Analog systems MAS9171A Datasheet HTML 5Page - Micro Analog systems MAS9171A Datasheet HTML 6Page - Micro Analog systems MAS9171A Datasheet HTML 7Page - Micro Analog systems MAS9171A Datasheet HTML 8Page - Micro Analog systems MAS9171A Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
S
7
DA9171A.000
July 31, 1997
APPLICATION INFORMATION
Fig. 5 shows how to use the MAS9171A to detect the condition of switches
Filter+
Protection
V Ignition
V Bat
Voltage-
Regulator
+Reset
Vdd
Vdd
MAS9171
µC
4x47K
4x47K
Xtal1
Xtal2
Res
Vdd
Fig. 5: Application Circuit (Detection of Switches)
IMPORTANT !
• The MAS9171A shall be placed closely to the microprocessor to avoid voltage spikes at the
uC inputs caused by currents on the Supply Pins and/or Pins OUT1 to OUT8.
• A block capacitor of 33nF close to the Supply Pins is recommended
• It is important to connect external Pull-Up resistors to V
ignition in order to prevent quiescent
current into the MAS9171A (Note: MAS9171A has internal pull-down of 225Koms to Gnd).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com