Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H60C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30H60C
Description  Avalanche rated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H60C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30H60C Datasheet HTML 1Page - STMicroelectronics STPS30H60C Datasheet HTML 2Page - STMicroelectronics STPS30H60C Datasheet HTML 3Page - STMicroelectronics STPS30H60C Datasheet HTML 4Page - STMicroelectronics STPS30H60C Datasheet HTML 5Page - STMicroelectronics STPS30H60C Datasheet HTML 6Page - STMicroelectronics STPS30H60C Datasheet HTML 7Page - STMicroelectronics STPS30H60C Datasheet HTML 8Page - STMicroelectronics STPS30H60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2007
Rev 2
1/11
STPS30H60C
Power Schottky rectifier
Main product characteristics
Features and benefits
High junction temperature capability
Avalanche rated
Low leakage current
Good trade-off between leakage current and
forward voltage drop
High frequency operation
Description
Dual centre tab Schottky rectifier suited for high
frequency switch mode power supply.
Packaged in TO-220FPAB, TO-220AB, TO-247,
I2PAK, and D2PAK, this device is intended to be
used in notebook and LCD adaptors and desktop
SMPS. In these applications the STPS30H60C
provides a good margin between the remaining
voltages applied on the diode and the voltage
capability of the diode
Order codes
IF(AV)
2 X 15 A
VRRM
60 V
Tj
175° C
VF (typ)
0.535 V
Part Number
Marking
STPS30H60CT
STPS30H60CT
STPS30H60CR
STPS30H60CR
STPS30H60CG-TR
STPS30H60CG
STPS30H60CG
STPS30H60CG
STPS30H60CW
STPS30H60CW
STPS30H60CFP
STPS30H60CFP
A1
A2
K
TO-247
STPS30H60CW
D2PAK
STPS30H60CG
TO-220AB
STPS30H60CT
I2PAK
STPS30H60CR
TO-220FPAB
STPS30H60CFP
A1
K
A2
A1
K
A2
A1
K
A2
A1
K
A2
A1
K
A2
www.st.com


Similar Part No. - STPS30H60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30H60C STMICROELECTRONICS-STPS30H60C Datasheet
176Kb / 11P
Power Schottky rectifier
08-Jul-2011
STPS30H60C-Y STMICROELECTRONICS-STPS30H60C-Y Datasheet
125Kb / 7P
Automotive power Schottky rectifier
Dec-2010
STPS30H60CFP STMICROELECTRONICS-STPS30H60CFP Datasheet
176Kb / 11P
Power Schottky rectifier
08-Jul-2011
STPS30H60CG STMICROELECTRONICS-STPS30H60CG Datasheet
176Kb / 11P
Power Schottky rectifier
08-Jul-2011
STPS30H60CG-TR STMICROELECTRONICS-STPS30H60CG-TR Datasheet
176Kb / 11P
Power Schottky rectifier
08-Jul-2011
More results

Similar Description - STPS30H60C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y3R0-40E NXP-BUK9Y3R0-40E Datasheet
325Kb / 13P
Repetitive avalanche rated
12 February 2013
logo
New Jersey Semi-Conduct...
IRF510 NJSEMI-IRF510 Datasheet
111Kb / 2P
Repetitive Avalanche Rated
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
Fully Avalanche Rated
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
FULLY AVALANCHE RATED
logo
Infineon Technologies A...
BSL303SPE INFINEON-BSL303SPE Datasheet
417Kb / 10P
Avalanche rated
Rev 2.0 2014-11-18
BSL716SN INFINEON-BSL716SN Datasheet
533Kb / 10P
Avalanche rated
Rev 2.0 2014-09-30
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
Avalanche Energy Rated
FFH75H60S MICROSS-FFH75H60S Datasheet
700Kb / 3P
Avalanche Energy Rated
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com