Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H60CG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS30H60CG
Description  Avalanche rated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H60CG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS30H60CG Datasheet HTML 3Page - STMicroelectronics STPS30H60CG Datasheet HTML 4Page - STMicroelectronics STPS30H60CG Datasheet HTML 5Page - STMicroelectronics STPS30H60CG Datasheet HTML 6Page - STMicroelectronics STPS30H60CG Datasheet HTML 7Page - STMicroelectronics STPS30H60CG Datasheet HTML 8Page - STMicroelectronics STPS30H60CG Datasheet HTML 9Page - STMicroelectronics STPS30H60CG Datasheet HTML 10Page - STMicroelectronics STPS30H60CG Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPS30H60C
10/11
3
Ordering information
4
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STPS30H60CT
STPS30H60CT
TO-220AB
2.23 g
50
Tube
STPS30H60CR
STPS30H60CR
I2PAK
1.49 g
50
Tube
STPS30H60CG
STPS30H60CG
D2PAK
1.48 g
50
Tube
STPS30H60CG-TR STPS30H60CG-TR
D2PAK
1.48 g
1000
Tape & reel
STPS30H60CW
STPS30H60W
TO-247
4.46 g
30
Tube
STPS30H60CFP
STPS30H60CFP
TO-220FPAB
2.00 g
50
Tube
Date
Revision
Description of Changes
27-Feb-2006
1
First issue
31-Mar-2007
2
Added TO-220FPAB package. Updated thermal
parameters in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com