Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R04D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30R04D
Description  Low reverse current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R04D Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30R04D Datasheet HTML 1Page - STMicroelectronics STTH30R04D Datasheet HTML 2Page - STMicroelectronics STTH30R04D Datasheet HTML 3Page - STMicroelectronics STTH30R04D Datasheet HTML 4Page - STMicroelectronics STTH30R04D Datasheet HTML 5Page - STMicroelectronics STTH30R04D Datasheet HTML 6Page - STMicroelectronics STTH30R04D Datasheet HTML 7Page - STMicroelectronics STTH30R04D Datasheet HTML 8Page - STMicroelectronics STTH30R04D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2007
Rev 1
1/10
STTH30R04
Ultrafast recovery diode
Main product characteristics
Features and benefits
Ultrafast switching
Low reverse current
Low thermal resistance
Reduces switching and conduction losses
High junction temperature
Insulated package: DOP3I
– Electrical insulation = 2500 VRMS
Package capacitance = 12 pF
Description
The compromise-free, high quality design of this
diode has produced a device with low leakage
current, regularly reproducible characteristics and
intrinsic ruggedness. These characteristics make
it ideal for heavy duty applications that demand
long term reliability.
Note: D2PAK - 2 anode terminals must be shorted on
board.
Order codes
IF(AV)
30 A
VRRM
400 V
Tj
175° C
VF (typ)
0.97 V
trr
24 ns
Part Number
Marking
STTH30R04D
STTH30R04D
STTH30R04G
STTH30R04G
STTH30R04G-TR
STTH30R04G
STTH30R04W
STTH30R04W
STTH30R04PI
STTH30R04PI
K
A
K
A
K
A
A
K
A
K
A
K
AA
TO-220AC
STTH30R04D
DO-247
STTH30R04W
D2PAK
STTH30R04G
DOP3I
STTH30R04PI
Table 1.
Absolute ratings (limiting values at 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IF(RMS)
RMS forward current
50
A
IF(AV)
Average forward current,
δ = 0.5
TO-220AC / DO-247 / D2PAK Tc = 120° C
30
A
DOP3I
Tc = 90° C
IFRM
Repetitive peak forward current
tp = 10 µs, F = 1 kHz
500
A
IFSM
Surge non repetitive forward current tp = 10 ms Sinusoidal
300
A
Tstg
Storage temperature range
-65 to +175
° C
Tj
Maximum operating junction temperature range
-40 to +175
° C
www.st.com


Similar Part No. - STTH30R04D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30R04-Y STMICROELECTRONICS-STTH30R04-Y Datasheet
302Kb / 10P
Low thermal resistance
30-Sep-2013
More results

Similar Description - STTH30R04D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR1060L-TA3-T UTC-MBR1060L-TA3-T Datasheet
131Kb / 3P
Low Reverse Current
MBR40150CL-TA3-T UTC-MBR40150CL-TA3-T Datasheet
132Kb / 3P
Low Reverse Current
logo
STMicroelectronics
STTH15S12 STMICROELECTRONICS-STTH15S12 Datasheet
281Kb / 10P
Low reverse current
18-Sep-2014
STTH30ST06-Y STMICROELECTRONICS-STTH30ST06-Y Datasheet
180Kb / 11P
Low reverse current
14-Jan-2015
STTH80S06 STMICROELECTRONICS-STTH80S06 Datasheet
251Kb / 8P
Low reverse current
22-Jul-2015
STTH20LCD06C STMICROELECTRONICS-STTH20LCD06C Datasheet
131Kb / 10P
low reverse current
17-Jan-2011
STTH30R06C STMICROELECTRONICS-STTH30R06C Datasheet
232Kb / 9P
Low reverse current
18-Jun-2014
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH60AC06C STMICROELECTRONICS-STTH60AC06C Datasheet
400Kb / 13P
Low reverse current
29-Mar-2017
logo
New Jersey Semi-Conduct...
MBR150 NJSEMI-MBR150 Datasheet
144Kb / 2P
Low Reverse Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com